Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90LV031ATM/NOPB.Z Datasheet (PDF) - Texas Instruments

DS90LV031ATM/NOPB.Z Datasheet PDF - Texas Instruments
Part # DS90LV031ATM/NOPB.Z
Download  DS90LV031ATM/NOPB.Z Download
File Size   685.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LV031A 3-V LVDS Quad CMOS Differential Line Driver

DS90LV031ATM/NOPB.Z Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90LV031ATM/NOPB.Z Datasheet PDF - Texas Instruments

Part # DS90LV031ATM/NOPB.Z
Download  DS90LV031ATM/NOPB.Z Click to download

File Size   685.76 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90LV031A 3-V LVDS Quad CMOS Differential Line Driver

DS90LV031ATM/NOPB.Z Datasheet (HTML) - Texas Instruments


DS90LV031ATM/NOPB.Z Product details

1 Features
1• >400-Mbps (200-MHz) Switching Rates
• 0.1-ns Typical Differential Skew
• 0.4-ns Maximum Differential Skew
• 2-ns Maximum Propagation Delay
• 3.3-V Power Supply Design
• ±350-mV Differential Signaling
• Low Power Dissipation (13-mW at 3.3-V Static)
• Interoperable With Existing 5-V LVDS Devices
• Compatible With IEEE 1596.3 SCI LVDS
Standard
• Compatible With TIA/EIA-644 LVDS Standard
• Industrial Operating Temperature Range
• Available in SOIC and TSSOP Surface-Mount
Packaging

2 Applications
• Building And Factory Automation
• Grid Infrastructure

3 Description
The DS90LV031A is a quad CMOS differential line
driver designed for applications requiring ultra low
power dissipation and high data rates. The device is
designed to support data rates in excess of 400 Mbps
(200 MHz) using Low Voltage Differential Signaling
(LVDS) technology.
The DS90LV031A accepts low voltage LVTTL or
LVCMOS input levels and translates them to low
voltage (350 mV) differential output signals. In
addition the driver supports a TRI-STATE® function
that may be used to disable the output stage,
disabling the load current, and thus dropping the
device to an ultra low idle power state of 13 mW
typical.
The EN and EN* inputs allow active Low or active
High control of the TRI-STATE outputs. The enables
are common to all four drivers. The DS90LV031A and
companion line receiver (DS90LV032A) provide a
new alternative to high power psuedo-ECL devices
for high speed point-to-point interface applications.




Similar Part No. - DS90LV031ATM/NOPB.Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV031ATM/NOPB TI-DS90LV031ATM/NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Similar Description - DS90LV031ATM/NOPB.Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
3 V LVDS Quad CMOS Differential Line Driver
REV. 0
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
logo
Texas Instruments
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
3 V LVDS Quad CMOS Differential Line Driver
REV. B
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
3-V LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
3 V LVDS Quad CMOS Differential Line Driver
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com