Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SUFA4001 Datasheet (PDF) - Semikron International

SUFA4001 Datasheet PDF - Semikron International
Part # SUFA4001
Download  SUFA4001 Download
File Size   177.73 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Ultrafast Avalanche Diode

SUFA4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SUFA4001 Datasheet PDF - Semikron International

Part # SUFA4001
Download  SUFA4001 Click to download

File Size   177.73 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Ultrafast Avalanche Diode

SUFA4001 Datasheet (HTML) - Semikron International


SUFA4001 Product details

Forward Current: 1 A
Reverse Voltage: 50 to 1000 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL classification 94V-0




Similar Part No. - SUFA4001

ManufacturerPart #DatasheetDescription
logo
Semikron International
SUFA4001 SEMIKRON-SUFA4001 Datasheet
242Kb / 2P
Ultrafast Avalanche Diode
SUFA4001 SEMIKRON-SUFA4001_10 Datasheet
242Kb / 2P
Ultrafast Avalanche Diode
More results


Similar Description - SUFA4001

ManufacturerPart #DatasheetDescription
logo
Semikron International
RGA57A SEMIKRON-RGA57A Datasheet
203Kb / 2P
Ultrafast Avalanche Diodes
USA2A SEMIKRON-USA2A Datasheet
202Kb / 2P
Ultrafast Avalanche Diodes
SUFA4001 SEMIKRON-SUFA4001_10 Datasheet
242Kb / 2P
Ultrafast Avalanche Diode
USA1A SEMIKRON-USA1A_10 Datasheet
282Kb / 2P
Ultrafast Avalanche Diodes
USA2A SEMIKRON-USA2A_10 Datasheet
326Kb / 2P
Ultrafast Avalanche Diodes
USA3A SEMIKRON-USA3A_10 Datasheet
300Kb / 2P
Ultrafast Avalanche Diodes
logo
Vishay Siliconix
SF1600-TAP VISHAY-SF1600-TAP Datasheet
119Kb / 4P
Ultrafast Avalanche Sinterglass Diode
11-Sep-12
SF1600-TR VISHAY-SF1600-TR Datasheet
119Kb / 4P
Ultrafast Avalanche Sinterglass Diode
11-Sep-12
SF1200 VISHAY-SF1200_15 Datasheet
120Kb / 5P
Ultrafast Avalanche Sinterglass Diode
11-Sep-12
SF1200 VISHAY-SF1200_V01 Datasheet
137Kb / 4P
Ultrafast Avalanche Sinterglass Diode
21-Feb-18
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com