Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R06PF0067EJ0102 Datasheet (PDF) - Renesas Technology Corp

R06PF0067EJ0102 Datasheet PDF - Renesas Technology Corp
Part # R06PF0067EJ0102
Download  R06PF0067EJ0102 Download
File Size   115.87 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB2.0 PHY for TSMC 22nm ULL Single-Port Transceiver

R06PF0067EJ0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
R06PF0067EJ0102 Datasheet PDF - Renesas Technology Corp

Part # R06PF0067EJ0102
Download  R06PF0067EJ0102 Click to download

File Size   115.87 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description USB2.0 PHY for TSMC 22nm ULL Single-Port Transceiver

R06PF0067EJ0102 Datasheet (HTML) - Renesas Technology Corp


R06PF0067EJ0102 Product details

Renesas USB2.0 Transceiver can be used for analog transceiver of following interface .
- Universal Serial Bus Specification Revision 2.0
- Battery Charging Specification Revision 1.2
- Technology is TSMC 22nm ULL 1p9M (6x2r).
- Supply voltage can be applied 1.1V for core voltage and 3.3V for IO voltage.
- USB transfer mode is High-speed (480 Mbps), Full-speed (12 Mbps), and Low-speed
(1.5 Mbps) modes.
- A terminal resistance, pull-up resistor, and pull-down resistor are included.
- Input reference clock is 48MHz, 24MHz, 20MHz and 12MHz.




Similar Part No. - R06PF0067EJ0102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R06PF0067EJ0103 RENESAS-R06PF0067EJ0103 Datasheet
114Kb / 1P
USB2.0 PHY for TSMC 22nm ULL Single-Port Transceiver
2025.09
More results


Similar Description - R06PF0067EJ0102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5221 BOARDCOM-BCM5221 Datasheet
201Kb / 1P
10/100BASE TX SINGLE CHANNEL SIGNI PHY TRANSCEIVER
logo
List of Unclassifed Man...
KL5KUSB201 ETC-KL5KUSB201 Datasheet
183Kb / 21P
USB2.0 Compliant Transceiver Chip
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
KL5KUSB200 ETC1-KL5KUSB200 Datasheet
26Kb / 2P
USB2.0 Transceiver
logo
Broadcom Corporation.
BCM5222 BOARDCOM-BCM5222_04 Datasheet
122Kb / 2P
10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
logo
SMSC Corporation
GT3200 SMSC-GT3200_06 Datasheet
1Mb / 48P
USB2.0 PHY IC
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
logo
List of Unclassifed Man...
AC101L ETC2-AC101L Datasheet
73Kb / 2P
10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com