Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTB78520WAS Datasheet (PDF) - Texas Instruments

PTB78520WAS Datasheet PDF - Texas Instruments
Part # PTB78520WAS
Download  PTB78520WAS Download
File Size   716.28 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-A, 18–60-V Input Auto-Track Compatible Isolated DC/DC Converter

PTB78520WAS Datasheet (PDF)

Go To PDF Page Download Datasheet
PTB78520WAS Datasheet PDF - Texas Instruments

Part # PTB78520WAS
Download  PTB78520WAS Click to download

File Size   716.28 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-A, 18–60-V Input Auto-Track Compatible Isolated DC/DC Converter

PTB78520WAS Datasheet (HTML) - Texas Instruments


PTB78520WAS Product details

Features
• Wide-Input Voltage Range:
18 V to 60 V
• 20 A Total Output Current
• 90% Efficiency
• Wide-Adjust Output Voltage:
1.8 V to 3.6 V
• Over-Current Protection
• Output Over-Voltage Protection
• Over-Temperature Shutdown
• Output Enable Control
• Auto-Track Compatible
Sequenced Output
• Smart-Sense Remote Sensing
• Under-voltage Lockout
• Industry Standard Footprint
• Surface Mountable
• 1500 VDC Isolation
• Agency Approvals (Pending):
UL/cUL 60950, EN 60950

Description
The PTB78520W is a 20-A rated,
wide-input (18-60 V) isolated DC/DC
converter that incorporates Auto-Track™
power-up sequencing. This allows these
modules to simultaneously power up with
any other downstream non-isolated, Auto-
Track compliant module.
The PTB78520W module provides
two outputs, each regulated to the same
voltage. During power up, the voltage at
‘VO Bus’ rises first, allowing this output
to provide input power to any downstream
non-isolated module. The voltage from
‘VO Seq’ is then allowed to rise simultaneously,
under the control of Auto-Track,
along with the outputs from the downstream
modules.
Whether used to facilitate power-up
sequencing, or operated as a stand-alone
module, the PTB78520W includes many
features expected of high-performance
DC/DC converter modules. The combi-
nation of input-output isolation and a
wide-input voltage range, allows operation
from either +24 V or –48 V. The wideoutput
adjust enables the output voltage
to be set to to any voltage over the range,
1.8 V to 3.6 V, using a single external
resistor. Precise output voltage regulation
is assured using Smart-Sense. This
is a differential remote sense that will
intelligently regulate the sequenced output,
depending on its sequence status.
Other operational features include an
input under-voltage lockout (UVLO) and
an output enable control. Over-current,
over-voltage, and over-temperature protection
assures the module’s ability to
survive any load fault.
Typical applications include distributed
power architectures in both telecom and
computing environments, particularly
complex digital systems requiring powersequencing
of multiple power supply rails.




Similar Part No. - PTB78520WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78520WAS TI1-PTB78520WAS Datasheet
653Kb / 15P
20-A, 18??0-V Input Auto-Track Compatible Isolated DC/DC Converter
More results


Similar Description - PTB78520WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
20-W 24-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
PTB78520W TI1-PTB78520W Datasheet
653Kb / 15P
20-A, 18??0-V Input Auto-Track Compatible Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
20-A 24-V Input Dual Output Isolated DC/DC Converter
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
logo
CINCON ELECTRONICS Corp...
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com