Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R06PF0105EJ0100 Datasheet (PDF) - Renesas Technology Corp

R06PF0105EJ0100 Datasheet PDF - Renesas Technology Corp
Part # R06PF0105EJ0100
Download  R06PF0105EJ0100 Download
File Size   232.74 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Analog-PLL For Spread Spectrum Clock

R06PF0105EJ0100 Datasheet (PDF)

Go To PDF Page Download Datasheet
R06PF0105EJ0100 Datasheet PDF - Renesas Technology Corp

Part # R06PF0105EJ0100
Download  R06PF0105EJ0100 Click to download

File Size   232.74 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Analog-PLL For Spread Spectrum Clock

R06PF0105EJ0100 Datasheet (HTML) - Renesas Technology Corp


R06PF0105EJ0100 Product details

▪ Including Loop-filter
▪ VCO operating range : 900MHz - 1800MHz
▪ Output frequency range : 900MHz – 1800MHz
▪ Input frequency range : 12MHz - 192MHz
▪ Multiplying (Output freq. / PFD freq.) : 60 - 120
▪ Divider
7bit feedback divider and 3bit input divider
▪ Power-down Mode
▪ Multiple outputs with post-divider
▪ SSC function available
− spread type : center / down
− modulation frequency : 3kHz – 30kHz
− modulation frequency : 3kHz – 30kHz
− modulation depth : 1 % – 3 % (peak-peak)
▪ STBY sequence is constraint-free




Similar Part No. - R06PF0105EJ0100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R06PF0105EJ0101 RENESAS-R06PF0105EJ0101 Datasheet
232Kb / 1P
Analog IP Analog-PLL For Spread Spectrum Clock
2026.4
More results


Similar Description - R06PF0105EJ0100

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
ICS290 ICST-ICS290 Datasheet
170Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
Revision 062305
ICS281 ICST-ICS281 Datasheet
169Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
Revision 062205
logo
Cypress Semiconductor
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
Two PLL Programmable Clock Generator with Spread Spectrum
logo
Integrated Device Techn...
ICS291 IDT-ICS291 Datasheet
222Kb / 10P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
logo
Cypress Semiconductor
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
Three PLL Programmable Clock Generator with Spread Spectrum
logo
Integrated Device Techn...
ICS280 IDT-ICS280 Datasheet
110Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS290 IDT-ICS290 Datasheet
114Kb / 9P
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com