Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R06PF0106EJ0100 Datasheet (PDF) - Renesas Technology Corp

R06PF0106EJ0100 Datasheet PDF - Renesas Technology Corp
Part # R06PF0106EJ0100
Download  R06PF0106EJ0100 Download
File Size   224.06 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Analog-PLL For Skew adjust

R06PF0106EJ0100 Datasheet (PDF)

Go To PDF Page Download Datasheet
R06PF0106EJ0100 Datasheet PDF - Renesas Technology Corp

Part # R06PF0106EJ0100
Download  R06PF0106EJ0100 Click to download

File Size   224.06 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Analog-PLL For Skew adjust

R06PF0106EJ0100 Datasheet (HTML) - Renesas Technology Corp


R06PF0106EJ0100 Product details

▪ Including Loop-filter
▪ VCO operating range : 720MHz - 1680MHz
▪ Output frequency range : 45MHz – 1680MHz
▪ Input frequency range : 22.528MHz - 420MHz
▪ Multiplying (Output freq. / PFD freq.) : 16
▪ Divider
4bit feedback divider, 2bit input divider and 4bit output divider
▪ Power-down Mode
▪ SSC input is not available
▪ Power-on sequence is constraint-free
▪ STBY sequence is constraint-free




Similar Part No. - R06PF0106EJ0100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R06PF0100EJ0100 RENESAS-R06PF0100EJ0100 Datasheet
210Kb / 1P
Analog-PLL For Frequency Multiplying
2024.9
R06PF0101EJ0100 RENESAS-R06PF0101EJ0100 Datasheet
228Kb / 1P
Analog-PLL For Spread Spectrum Clock
2024.9
R06PF0102EJ0100 RENESAS-R06PF0102EJ0100 Datasheet
223Kb / 1P
Analog-PLL For Skew adjust
2024.9
R06PF0103EJ0100 RENESAS-R06PF0103EJ0100 Datasheet
223Kb / 1P
Analog-PLL For Frequency Multiplying
2024.9
R06PF0104EJ0100 RENESAS-R06PF0104EJ0100 Datasheet
223Kb / 1P
Analog-PLL For Frequency Multiplying
2024.9
More results


Similar Description - R06PF0106EJ0100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
3.3V Programmable Skew PLL Clock Driver
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com