Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN65HVDA541QDR Datasheet (PDF) - Texas Instruments

SN65HVDA541QDR Datasheet PDF - Texas Instruments
Part # SN65HVDA541QDR
Download  SN65HVDA541QDR Download
File Size   555.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION

SN65HVDA541QDR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65HVDA541QDR Datasheet PDF - Texas Instruments

Part # SN65HVDA541QDR
Download  SN65HVDA541QDR Click to download

File Size   555.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION

SN65HVDA541QDR Datasheet (HTML) - Texas Instruments


SN65HVDA541QDR Product details

1FEATURES
· Qualified for Automotive Applications
· Meets or Exceeds the Requirements of
ISO 11898
· GIFT/ICT Compliant
· ESD Protection up to ±12 kV (Human-Body
Model) on Bus Pins
· Level Adapting I/O Voltage Range to Support
MCUs With Digital I/Os From 3 V to 5.25 V
· Low-Power Standby Mode <15 mA max
– SN65HVDA540: No Wake Up
– SN65HVDA541: Wake Up Powered By VIO
Supply So VCC (5 V) Supply May Be Shut
Down to Save System Power
· High Electromagnetic Immunity (EMI)
· Low Electromagnetic Emissions (EME)
· Protection
– Undervoltage Protection on V IO and VCC
– Bus-Fault Protection of –27 V to 40 V
– Dominant Time-Out Function
– Thermal Shutdown Protection
– Power-Up/Down Glitch-Free Bus Inputs and
Outputs

APPLICATIONS
· SAE J2284 High-Speed CAN for Automotive
Applications
· SAE J1939 Standard Data Bus Interface
· ISO 11783 Standard Data Bus Interface
· NMEA 2000 Standard Data Bus Interface

DESCRIPTION
The SN65HVDA540/SN65HVDA541 meets or
exceeds the specifications of the ISO 11898 standard for use in applications employing a Controller Area
Network (CAN). The device is qualified for use in
automotive applications.
As a CAN transceiver, this device provides differential
transmit capability to the bus and differential receive
capability to a CAN controller at signaling rates up to
1 megabit per second (Mbps)(1).
Designed for operation in especially harsh
environments, the SN65HVDA540/SN65HVDA541
features cross-wire, bus over voltage, loss of ground
protection, over temperature thermal shut down
protection, and a wide common-mode range.




Similar Part No. - SN65HVDA541QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA541QDR TI1-SN65HVDA541QDR Datasheet
385Kb / 19P
5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results


Similar Description - SN65HVDA541QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
2-Supply, Bus Transceiver with Configurable Level-Shifting
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com