Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN65LVDS108DBT.B Datasheet (PDF) - Texas Instruments

SN65LVDS108DBT.B Datasheet PDF - Texas Instruments
Part # SN65LVDS108DBT.B
Download  SN65LVDS108DBT.B Download
File Size   333.45 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-PORT LVDS REPEATER

SN65LVDS108DBT.B Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDS108DBT.B Datasheet PDF - Texas Instruments

Part # SN65LVDS108DBT.B
Download  SN65LVDS108DBT.B Click to download

File Size   333.45 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-PORT LVDS REPEATER

SN65LVDS108DBT.B Datasheet (HTML) - Texas Instruments


SN65LVDS108DBT.B Product details

FEATURES
· One Line Receiver and Eight Line Drivers
Configured as an 8-Port LVDS Repeater
· Line Receiver and Line Drivers Meet or
Exceed the Requirements of ANSI EIA/TIA-644
Standard
· Typical Data Signaling Rates to 400 Mbps or
Clock Frequencies to 400 MHz
· Enabling Logic Allows Individual Control of
Each Driver Output, Plus All Outputs
· Low-Voltage Differential Signaling With
Typical Output Voltage of 350 mV and a 100-W
Load
· Electrically Compatible With LVDS, PECL,
LVPECL, LVTTL, LVCMOS, GTL, BTL, CTT,
SSTL, or HSTL Outputs With External
Termination Networks
· Propagation Delay Times < 4.7 ns
· Output Skew Less Than 300 ps and
Part-to-Part Skew Less Than 1.5 ns
· Total Power Dissipation at 200 MHz Typically
Less Than 330 mW With 8 Channels Enabled
· Driver Outputs or Receiver Input Equals High
Impedance When Disabled or With VCC < 1.5 V
· Bus-Pin ESD Protection Exceeds 12 kV
· Packaged in Thin Shrink Small-Outline
Package With 20-Mil Terminal Pitch

DESCRIPTION
The SN65LVDS108 is configured as one differential line receiver connected to eight differential line drivers.
Individual output enables are provided for each output and an additional enable is provided for all outputs.
The line receivers and line drivers implement the electrical characteristics of low-voltage differential signaling
(LVDS). LVDS, as specified in EIA/TIA-644, is a data signaling technique that offers low power, low noise
emission, high noise immunity, and high switching speeds. (Note: The ultimate rate and distance of data transfer
is dependent upon the attenuation characteristics of the media, the noise coupling to the environment, and other
system characteristics.)
The intended application of this device, and the LVDS signaling technique, is for point-to-point or
point-to-multipoint (distributed simplex) baseband data transmission on controlled impedance media of
approximately 100 W. The transmission media may be printed-circuit board traces, backplanes, or cables. The
large number of drivers integrated into the same silicon substrate, along with the low pulse skew of balanced
signaling, provides extremely precise timing alignment of the signals being repeated from the inputs. This is
particularly advantageous for implementing system clock or data distribution trees.
The SN65LVDS108 is characterized for operation from –40°C to 85°C.




Similar Part No. - SN65LVDS108DBT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS108DBT TI-SN65LVDS108DBT Datasheet
223Kb / 16P
8-PORT LVDS REPEATER
SN65LVDS108DBT TI1-SN65LVDS108DBT Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
SN65LVDS108DBTG4 TI1-SN65LVDS108DBTG4 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
SN65LVDS108DBTR TI1-SN65LVDS108DBTR Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
SN65LVDS108DBTRG4 TI1-SN65LVDS108DBTRG4 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
More results


Similar Description - SN65LVDS108DBT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
8-PORT LVDS REPEATER
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
16-PORT LVDS REPEATER
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
LVDS Single Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
LVDS 8 Port High Speed Repeater
logo
Maxim Integrated Produc...
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
16-PORT LVDS REPEATER
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
LVDS Single Port High Speed Repeater
Revised September 2002
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com