Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDN60 Datasheet (PDF) - Powersolve Electronics Ltd.

VDN60 Datasheet PDF - Powersolve Electronics Ltd.
Part # VDN60
Download  VDN60 Download
File Size   152.22 Kbytes
Page   2 Pages
Manufacturer  POWERSOLVE [Powersolve Electronics Ltd.]
Direct Link  https://powersolve.com.tw/
Logo POWERSOLVE - Powersolve Electronics Ltd.
Description 60 Watts Car Adaptor 12V & 24V Input

VDN60 Datasheet (PDF)

Go To PDF Page Download Datasheet
VDN60 Datasheet PDF - Powersolve Electronics Ltd.

Part # VDN60
Download  VDN60 Click to download

File Size   152.22 Kbytes
Page   2 Pages
Manufacturer  POWERSOLVE [Powersolve Electronics Ltd.]
Direct Link  https://powersolve.com.tw/
Logo POWERSOLVE - Powersolve Electronics Ltd.
Description 60 Watts Car Adaptor 12V & 24V Input

VDN60 Datasheet (HTML) - Powersolve Electronics Ltd.


VDN60 Product details

Features
• 12V or 24V DC Input
• Up to 60 Watts output power
• Input via standard cigar lighter plug
• Fully sealed plastic case
• LED power on indicator
• E Mark &UL, CSA Safety Approvals
• EMI meets FCC Part 15 Class B & CISPR EN55022’B’
• High Efficiency




Similar Part No. - VDN60

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
VDN60-1500 POWER-SYSTEMS-VDN60-1500 Datasheet
311Kb / 2P
DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-1600 POWER-SYSTEMS-VDN60-1600 Datasheet
311Kb / 2P
DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-1800 POWER-SYSTEMS-VDN60-1800 Datasheet
311Kb / 2P
DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-1900 POWER-SYSTEMS-VDN60-1900 Datasheet
311Kb / 2P
DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
VDN60-2000 POWER-SYSTEMS-VDN60-2000 Datasheet
311Kb / 2P
DC-DC Power Supplies 60 WATTS DC-DC CAR and FLIGHT ADAPTER
More results


Similar Description - VDN60

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
650 Watts 12V
DS850-3 ASTEC-DS850-3 Datasheet
100Kb / 4P
850 Watts 12V
logo
Power-One
FNP300-1012 POWER-ONE-FNP300-1012 Datasheet
115Kb / 6P
AC-DC Power Supply 12V, 24V, 48V Output, 300 Watts
logo
Bothhand USA, LP.
ED1000 BOTHHAND-ED1000 Datasheet
43Kb / 2P
45~60 Watts Car Adapter
ED1060 BOTHHAND-ED1060 Datasheet
40Kb / 2P
56~60 Watts Car Adapter
logo
List of Unclassifed Man...
ZUS62405 ETC2-ZUS62405 Datasheet
492Kb / 12P
Rated input 5V, 12V, 24V or 48V DC Io=100%.
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
Nominal input voltage rails: 5V / 12V / 24V
logo
Lite-On Technology Corp...
PA-1331-92E LITEON-PA-1331-92E Datasheet
381Kb / 3P
Industrial Adapter 12V & 24V Series
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com