Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74HC589 Datasheet (PDF) - ON Semiconductor

MM74HC589 Datasheet PDF - ON Semiconductor
Part # MM74HC589
Download  MM74HC589 Download
File Size   103.32 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit Shift Registers with Input Latches and 3-STATE Serial Output

MM74HC589 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM74HC589 Datasheet PDF - ON Semiconductor

Part # MM74HC589
Download  MM74HC589 Click to download

File Size   103.32 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit Shift Registers with Input Latches and 3-STATE Serial Output

MM74HC589 Datasheet (HTML) - ON Semiconductor


MM74HC589 Product details

General Description
The MM74HC589 high speed shift register utilizes advanced silicon-gate CMOS technology to achieve the high noise immunity and low power consumption of standard CMOS integrated circuits, as well as the ability to drive 15 LS-TTL loads.
The MM74HC589 comes in a 16-pin package and consists of an 8-bit storage latch feeding a parallel-in, serial-out 8-bit shift register. Data can also be entered serially the shift register through the SER pin. Both the storage register and shift register have positive-edge triggered clocks, RCK and SCK, respectively. SLOAD pin controls parallel LOAD or serial shift operations for the shift register. The shift register has a 3-STATE output to enable the wire-ORing of multiple devices on a serial bus.
The 74HC logic family is speed, function, and pin-out compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.

Features
 8-bit parallel storage register inputs
 Wide operating voltage range: 2V–6V
 Shift register has direct overriding load
 Guaranteed shift frequency. . . DC to 30 MHz
 Low quiescent current: 80 μA maximum (74HC Series)
 3-STATE output for ‘Wire-OR'




Similar Part No. - MM74HC589

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC589 FAIRCHILD-MM74HC589 Datasheet
101Kb / 9P
8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
MM74HC589M FAIRCHILD-MM74HC589M Datasheet
101Kb / 9P
8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
MM74HC589N FAIRCHILD-MM74HC589N Datasheet
101Kb / 9P
8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
MM74HC589SJ FAIRCHILD-MM74HC589SJ Datasheet
101Kb / 9P
8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
More results


Similar Description - MM74HC589

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
Fairchild Semiconductor
MM74HC589 FAIRCHILD-MM74HC589 Datasheet
101Kb / 9P
8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
logo
Texas Instruments
SN74LS589 TI-SN74LS589 Datasheet
214Kb / 5P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
8-Bit Shift Registers With 3-State Output Registers
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com