Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR26550 Datasheet (PDF) - Panasonic Semiconductor

LR26550 Datasheet PDF - Panasonic Semiconductor
Part # LR26550
Download  LR26550 Download
File Size   121.64 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2a2b/3a1b/4a 4A polarized power relays

LR26550 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR26550 Datasheet PDF - Panasonic Semiconductor

Part # LR26550
Download  LR26550 Click to download

File Size   121.64 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 2a2b/3a1b/4a 4A polarized power relays

LR26550 Datasheet (HTML) - Panasonic Semiconductor


LR26550 Product details

FEATURES
1. Compact with high sensitivity The high-efficiency polarized electromagnetic circuits of the 4-gap balanced armature and our exclusive spring alignment method achieves, with high-sensitivity in a small package, a relay that can be directly controlled by a driver chip.
2. Strong resistance to vibration and shock Use of 4G-BA technology realizes strong resistance to vibration and shock.
3. High reliability and long life Our application of 4G-BA technology, along with almost perfectly complete twin contact, ensures minimal contact bounce and high reliability.
4. Ability to provide wide-ranging control Use of 4G-BA technology with goldclad silver alloy contacts in a twin contact structure enables control across a broad range from microcurrents of 100 μA 100 mV DC to 4 A 250 V AC.
5. Latching types available With 4G-BA technology, as well as single side stable types, convenient 2 coil latching types for circuit memory applications are also available.
6. Wide variety of contact formations available The compact size of the 4G-BA mechanism enables the provision of many kinds of package, including 2a2b, 3a1b, and 4a. These meet your needs across a broad range of applications.
7. Low thermal electromotive force High sensitivity (low power consumption) is realized by 4G-BA technology. Separation of the coil and spring sections has resulted in a relay with extremely low levels of thermal electromotive force (approx. 3 μV).
8. DIL terminal array Deployed to fit a 2.54 mm .100 inch grid, the terminals are presented in DIL arrays which match the printed circuit board terminal patterns commonly in international use.
9. Relays that push the boundaries of relay efficiency High-density S relays take you close to the limits of relay efficiency.
10. Sockets are available.

TYPICAL APPLICATIONS
Telecommunications equipment, data processing equipment, facsimiles, alarm equipment, measuring equipment.




Similar Part No. - LR26550

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LR26550 PANASONIC-LR26550 Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
LR26550 PANASONIC-LR26550 Datasheet
96Kb / 3P
1a 3A slim power relays
September 30, 2013
More results


Similar Description - LR26550

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
POWER TRANSISTORS(4A,25W)
logo
Rohm
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
Power Transistor (-80V, -4A)
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
Power Transistor (-80V, -4A)
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
Power Transistor (-80V, -4A)
2SA1635 ROHM-2SA1635 Datasheet
61Kb / 2P
Power Transistor (-80V, -4A)
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
logo
Panasonic Battery Group
S PANASONICBATTERY-S Datasheet
82Kb / 5P
2a2b/3a1b/4a 4A polarized power relays
logo
Rohm
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
Power Transistor (−80V, −4A)
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
Power Transistor (80V, 4A)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com