Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVTH652 Datasheet (PDF) - Texas Instruments

SN74LVTH652 Datasheet PDF - Texas Instruments
Part # SN74LVTH652
Download  SN74LVTH652 Download
File Size   499.33 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS ‘WITH 3-STATE OUTPUTS

SN74LVTH652 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVTH652 Datasheet PDF - Texas Instruments

Part # SN74LVTH652
Download  SN74LVTH652 Click to download

File Size   499.33 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS ‘WITH 3-STATE OUTPUTS

SN74LVTH652 Datasheet (HTML) - Texas Instruments


SN74LVTH652 Product details

Support Mixed-Mode Signal Operation
(5-V Input and Output Voltages With
3.3-V VCC)
Support Unregulated Battery Operation
Down to 2.7 V
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
Ioff and Power-Up 3-State Support Hot
Insertion
Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
Latch-Up Performance Exceeds 500 mA Per
JESD 17
ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)

description/ordering information
These bus transceivers and registers are designed specifically for low-voltage (3.3-V) VCC operation, but with
the capability to provide a TTL interface to a 5-V system environment.




Similar Part No. - SN74LVTH652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH652 TI-SN74LVTH652 Datasheet
151Kb / 10P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH652 TI-SN74LVTH652 Datasheet
518Kb / 18P
3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH652-EP TI1-SN74LVTH652-EP Datasheet
328Kb / 12P
3.3-V ABT OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVTH652DB TI-SN74LVTH652DB Datasheet
151Kb / 10P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVTH652DBLE TI-SN74LVTH652DBLE Datasheet
518Kb / 18P
3.3V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Similar Description - SN74LVTH652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH2952 TI-SN54LVTH2952 Datasheet
124Kb / 8P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH652 TI-SN54LVTH652 Datasheet
151Kb / 10P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI-SN54LVT2952 Datasheet
151Kb / 9P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT646 TI1-SN54LVT646_14 Datasheet
386Kb / 18P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT2952 TI1-SN54LVT2952_14 Datasheet
250Kb / 11P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVT652 TI1-SN54LVT652 Datasheet
279Kb / 13P
3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com