Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCA9545A Datasheet (PDF) - Texas Instruments

TCA9545A Datasheet PDF - Texas Instruments
Part # TCA9545A
Download  TCA9545A Download
File Size   594.12 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9545A Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset

TCA9545A Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9545A Datasheet PDF - Texas Instruments

Part # TCA9545A
Download  TCA9545A Click to download

File Size   594.12 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9545A Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset

TCA9545A Datasheet (HTML) - Texas Instruments


TCA9545A Product details

1 Features
1• 1-of-4 Bidirectional translating switches
• I2C bus and SMBus compatible
• Four active-low interrupt inputs
• Active-low interrupt output
• Active-low reset input
• Two address terminals, allowing up to four
devices on the I2C bus
• Channel selection via I2C bus, in any combination
• Power-up with all switch channels deselected
• Low RON switches
• Allows voltage-level translation between 1.8-V,
2.5-V, 3.3-V, and 5-V buses
• No glitch on power-up
• Supports hot insertion
• Low standby current
• Operating power-supply voltage range of
1.65 V to 5.5 V
• 5.5 V Tolerant inputs
• 0 to 400-kHz Clock frequency
• Latch-Up performance exceeds 100 mA per JESD
78
• ESD Protection exceeds JESD 22
– 4000-V Human-body model (A114-A)
– 1500-V Charged-device model (C101)

2 Applications
• Servers
• Routers (telecom switching equipment)
• Factory automation
• Products with I2C slave address conflicts (e.g.
multiple, identical temp sensors)

3 Description
The TCA9545A is a quad bidirectional translating
switch controlled via the I2C bus. The SCL/SDA
upstream pair fans out to four downstream pairs, or
channels. Any individual SCn/SDn channel or
combination of channels can be selected, determined
by the contents of the programmable control register.
Four interrupt inputs (INT3–INT0), one for each of the
downstream pairs, are provided. One interrupt (INT)
output acts as an AND of the four interrupt inputs.
An active-low reset (RESET) input allows the
TCA9545A to recover from a situation in which one of
the downstream I2C buses is stuck in a low state.
Pulling RESET low resets the I2C state machine and
causes all the channels to be deselected, as does the
internal power-on reset function.
The pass gates of the switches are constructed such
that the VCC terminal can be used to limit the
maximum high voltage, which will be passed by the
TCA9545A. This allows the use of different bus
voltages on each pair, so that 1.8-V, 2.5-V, or 3.3-V
parts can communicate with 5-V parts, without any
additional protection. External pull-up resistors pull
the bus up to the desired voltage level for each
channel. All I/O terminals are 5.5 V tolerant.




Similar Part No. - TCA9545A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9545A TI2-TCA9545A Datasheet
594Kb / 30P
TCA9545A Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
REVISED NOVEMBER 2019
TCA9545APWR TI1-TCA9545APWR Datasheet
914Kb / 30P
Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
TCA9545APWR TI2-TCA9545APWR Datasheet
594Kb / 30P
TCA9545A Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
REVISED NOVEMBER 2019
TCA9545APWR.B TI2-TCA9545APWR.B Datasheet
594Kb / 30P
TCA9545A Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
REVISED NOVEMBER 2019
More results


Similar Description - TCA9545A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com