Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX2FS2XX004G Datasheet (PDF) - Honeywell Solid State Electronics Center

PX2FS2XX004G Datasheet PDF - Honeywell Solid State Electronics Center
Part # PX2FS2XX004G
Download  PX2FS2XX004G Download
File Size   1990.84 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi

PX2FS2XX004G Datasheet (PDF)

Go To PDF Page Download Datasheet
PX2FS2XX004G Datasheet PDF - Honeywell Solid State Electronics Center

Part # PX2FS2XX004G
Download  PX2FS2XX004G Click to download

File Size   1990.84 Kbytes
Page   10 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Heavy Duty Pressure Transducers PX2 Series, 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi

PX2FS2XX004G Datasheet (HTML) - Honeywell Solid State Electronics Center


PX2FS2XX004G Product details

DESCRIPTION
Honeywell’s PX2 Series Heavy Duty Pressure Transducers are a portfolio of configurable pressure sensors that use piezoresistive sensing technology with ASIC (Application Specific Integrated Circuit) signal conditioning in a stainless steel housing. The PX2 Series is fully calibrated and compensated for offset, sensitivity, temperature effects and non-linearity using the on-board ASIC. These transducers measure absolute, sealed gage, or vented gage pressure. The absolute versions have an internal vacuum reference and an output value proportional to absolute pressure, sealed gage versions have an internal pressure reference of one atmosphere at sea level, and vented gage versions measure pressure with respect to ambient pressure. They are RoHS compliant and are designed and manufactured according to ISO 9001 standards.

FEATURES
• Pressure range: 1 bar to 70 bar | 100 kPa to 7 MPa | 15 psi to 1000 psi
• Pressure reference: Absolute, sealed gage or vented gage
• Pressure port types: 7/16-20 UNF 1/4 in 45° Flare Female Schrader (SAE J512), 7/16-20 UNF 45° Flare Male (SAE J513), 7/16-20 UNF 37° Flare Male (SAE J514), G1/4 (ISO 1179-3), G1/8 (ISO 1179-3), M12 x 1.5 (ISO 6149-3), 1/4-18 NPT, 1/8-27 NPT, 9/16-18 UNF, (SAE J1926-3), or 7/16-20 UNF (SAE J1926-3)
• Electrical connector types: Metri-Pack 150 (UL 94 HB or V-0 options), Micro M12, DIN, Deutsch, or cable harness (1 m, 2 m, 3 m, or 5 m)
• Total Error Band: ±2.0 %
• Operating and compensated temperature range: -40°C to 125°C [-40°F to 257°F]
• Response time: <2 ms
• Life: Minimum of 10 million cycles to operating pressure
• Output transfer function: Ratiometric, regulated or current
• Mechanical shock rating: 100 G per MIL-STD-202F, Method 213B, Cond. F
• Vibration rating: 20 G sweep, 10 Hz to 2000 Hz
• Ingress protection: Up to IP69K
• Radiated immunity protection: Up to 100 V/m (ISO 11452-2)
• Flame retardant options: UL 94 HB standard on all electrical terminations; UL 94 V-0 available upon request

POTENTIAL APPLICATIONS
• Industrial: Refrigerant pressure monitoring in HVAC/R systems; air compressor system pressure
• Transportation: Air system monitoring; hydraulic oil pressure monitoring
The PX2 Series is not recommended for use with media involving water, saturated air such as steam and vapor, and ammonia.




Similar Part No. - PX2FS2XX004G

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
PX2FS2001BAAA HONEYWELL-ACC-PX2FS2001BAAA Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
PX2FS2001BAAB HONEYWELL-ACC-PX2FS2001BAAB Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
PX2FS2001BAAC HONEYWELL-ACC-PX2FS2001BAAC Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
PX2FS2001BAAD HONEYWELL-ACC-PX2FS2001BAAD Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
PX2FS2001BABC HONEYWELL-ACC-PX2FS2001BABC Datasheet
2Mb / 17P
Heavy Duty Pressure Transducers
February 2014
More results


Similar Description - PX2FS2XX004G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Ralston Instruments.
DP0V-15PSIG-D RALSTON-DP0V-15PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi digital gauge
DP0V-15PSIG-M RALSTON-DP0V-15PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi analog gauge
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 30 psi digital gauge
DP0V-100PSIG-D RALSTON-DP0V-100PSIG-D Datasheet
331Kb / 2P
DP0V (100 psi / 7 bar) pump, 100 psi digital gauge
DP0V-100PSIG-M RALSTON-DP0V-100PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 100 psi analog gauge
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
logo
Honeywell Solid State E...
MIP HONEYWELL-MIP Datasheet
1Mb / 8P
Heavy Duty, Media-Isolated Pressure Transducers 1 bar to 60 bar | 15 psi to 870 psi
09/21
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com