Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS75601 Datasheet (PDF) - Texas Instruments

TPS75601 Datasheet PDF - Texas Instruments
Part # TPS75601
Download  TPS75601 Download
File Size   585.16 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS

TPS75601 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS75601 Datasheet PDF - Texas Instruments

Part # TPS75601
Download  TPS75601 Click to download

File Size   585.16 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS

TPS75601 Datasheet (HTML) - Texas Instruments


TPS75601 Product details

FEATURES
· 5-A Low-Dropout Voltage Regulator
· Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V reguFixed-
Output and Adjustable Versions
· Dropout Voltage Typically 250 mV at 5 A
(TPS75633)
· Low 125 μA Typical Quiescent Current
· Fast Transient Response
· 3% Tolerance Over Specified Conditions for
Fixed-Output Versions
· Available in 5-Pin TO-220 and TO-263 Sur-
face-Mount Packages
· Thermal Shutdown Protection

DESCRIPTION
The TPS756xx family of 5-A low dropout (LDO)
regulators contains four fixed voltage option reguFixed-
lators and an adjustable voltage option regulator.
These devices are capable of supplying 5 A of output current with a dropout of 250 mV (TPS75633).
Therefore, the device is capable of performing a
3.3-V to 2.5-V conversion.
Quiescent current is 125 μA at full load and drops
down to less than 1 μA when the device is disabled.
The TPS756xx is designed to have fast transient
response for large load current changes.




Similar Part No. - TPS75601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601 TI-TPS75601 Datasheet
450Kb / 24P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KC TI-TPS75601KC Datasheet
450Kb / 24P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KC TI1-TPS75601KC Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KC TI1-TPS75601KC Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Similar Description - TPS75601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com