Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ77205 Datasheet (PDF) - Texas Instruments

BQ77205 Datasheet PDF - Texas Instruments
Part # BQ77205
Download  BQ77205 Download
File Size   929.99 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer

BQ77205 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ77205 Datasheet PDF - Texas Instruments

Part # BQ77205
Download  BQ77205 Click to download

File Size   929.99 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer

BQ77205 Datasheet (HTML) - Texas Instruments


BQ77205 Product details

1 Features
• 3-series cell to 5-series cell protection
• High-accuracy overvoltage protection
– ±10 mV at 25°C
– ±20 mV from 0°C to 60°C
• Overvoltage protection options from 3.55 V to
5.1 V
• Open-wire connection detection
• Random cell connection
• Functional safety-capable
• Fixed internal delay timers
• Fixed detection thresholds
• Fixed output drive type
– Active high or active low
– Active high drive to 6 V
– Open drain with the ability to be pulled up
externally to VDD
• Low power consumption ICC ≈ 1 μA
(VCELL(ALL) < VOV)
• Low leakage current per cell input < 100 nA with
open wire detection disabled
• Package footprint options:
– 8-pin DGK with 0.65-mm lead pitch

2 Applications
• Protection for Li-ion battery packs used in:
– Handheld garden tools
– Handheld power tools
– Cordless vacuum cleaners
– UPS battery backup
– Light electric vehicles (eBike, eScooter, pedalassist
bicycles)

3 Description
The BQ77205 family of products provides a range
of voltage and temperature monitoring, including
overvoltage protection (OVP) and open-wire (OW)
protection for Li-ion battery pack systems. Each cell
is monitored independently for overvoltage and openwire
conditions.
In the BQ77205 device, an internal delay timer is
initiated upon detection of an overvoltage or openwire
condition. Upon expiration of the delay timer,
the respective output is triggered into its active state
(either high or low, depending on the configuration).
The overvoltage triggers the OUT pin if a fault is
detected. If an open-wire fault is detected, then the
OUT is triggered. For quicker production-line testing,
the BQ77205 device provides a Customer Test Mode
(CTM) with significantly reduced delay time.




Similar Part No. - BQ77205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ77205 TI1-BQ77205 Datasheet
965Kb / 23P
BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
JUNE 2024
BQ7720500 TI-BQ7720500 Datasheet
876Kb / 19P
BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ7720500 TI1-BQ7720500 Datasheet
965Kb / 23P
BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
JUNE 2024
BQ7720500DGKR TI-BQ7720500DGKR Datasheet
876Kb / 19P
BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
More results


Similar Description - BQ77205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809 TI1-BQ771809 Datasheet
810Kb / 19P
Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718 Datasheet
887Kb / 28P
Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77207 TI-BQ77207 Datasheet
1Mb / 29P
BQ77207 Voltage and Temperature Protection for 3-Series to 7-Series Cell Li-Ion Batteries with Internal Delay Timer
DECEMBER 2021
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com