Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USBN9604SLB/NOPB Datasheet (PDF) - Texas Instruments

USBN9604SLB/NOPB Datasheet PDF - Texas Instruments
Part # USBN9604SLB/NOPB
Download  USBN9604SLB/NOPB Download
File Size   527.66 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USBN9603/USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support

USBN9604SLB/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
USBN9604SLB/NOPB Datasheet PDF - Texas Instruments

Part # USBN9604SLB/NOPB
Download  USBN9604SLB/NOPB Click to download

File Size   527.66 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USBN9603/USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support

USBN9604SLB/NOPB Datasheet (HTML) - Texas Instruments


USBN9604SLB/NOPB Product details

General Description
The USBN9603/4 are integrated, USB Node controllers.
Other than the reset mechanism for the clock generation circuit,
these two devices are identical. All references to “the
device” in this document refer to both devices, unless otherwise
noted.
The device provides enhanced DMA support with many automatic
data handling features. It is compatible with USB
specification versions 1.0 and 1.1, and is an advanced version
of the USBN9602.
The device integrates the required USB transceiver with a
3.3V regulator, a Serial Interface Engine (SIE), USB endpoint
(EP) FIFOs, a versatile 8-bit parallel interface, a clock
generator and a MICROWIRE/PLUS™ interface. Seven
endpoint pipes are supported: one for the mandatory control
endpoint and six to support interrupt, bulk and isochronous
endpoints. Each endpoint pipe has a dedicated FIFO,
8 bytes for the control endpoint and 64 bytes for the other
endpoints. The 8-bit parallel interface supports multiplexed
and non-multiplexed style CPU address/data buses. A programmable
interrupt output scheme allows device configuration
for different interrupt signaling requirements.

Outstanding Features
 Low EMI, low standby current, 24 MHz oscillator
 Advanced DMA mechanism
 Fully static HALT mode with asynchronous wake-up
for bus powered operation
 5V or 3.3V operation
 Improved input range 3.3V signal voltage regulator
 All unidirectional FIFOs are 64 bytes
 Power-up reset and startup delay counter simplify system
design
 Simple programming model controlled by external controller
 Available in two packages
— USBN9603/4SLB: small footprint for new designs
and portable applications
— USBN9603/4-28M: standard package, pin-to-pin
compatible with USBN9602-28M

Features
 Full-speed USB node device
 Integrated USB transceiver
 Supports 24 MHz oscillator circuit with internal 48
MHz clock generation circuit
 Programmable clock generator
 Serial Interface Engine (SIE) consisting of Physical
Layer Interface (PHY) and Media Access Controller
(MAC), USB Specification 1.0 and 1.1 compliant
 Control/Status register file
 USB Function Controller with seven FIFO-based Endpoints:
— One bidirectional Control Endpoint 0 (8 bytes)
— Three Transmit Endpoints (64 bytes each)
— Three Receive Endpoints (64 bytes each)
 8-bit parallel interface with two selectable modes:
— Non-multiplexed
— Multiplexed (Intel compatible)
 Enhanced DMA support
— Automatic DMA (ADMA) mode for fully CPU-independent
transfer of large bulk or ISO packets
— DMA controller, together with the ADMA logic, can
transfer a large block of data in 64-byte packets via
the USB
— Automatic Data PID toggling/checking and NAK
packet recovery (maximum 256x64 bytes of data =
16K bytes)
 MICROWIRE/PLUS interface




Similar Part No. - USBN9604SLB/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
USBN9604SLB/NOPB TI-USBN9604SLB/NOPB Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results


Similar Description - USBN9604SLB/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
USBN9602 NSC-USBN9602 Datasheet
253Kb / 45P
USBN9602 (Universal Serial Bus) Full Speed Function Controller With DMA Support
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
logo
Texas Instruments
USBN9604-28MX TI1-USBN9604-28MX Datasheet
528Kb / 62P
USBN9603 USBN9604 Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com