Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UA723CD Datasheet (PDF) - Texas Instruments

UA723CD Datasheet PDF - Texas Instruments
Part # UA723CD
Download  UA723CD Download
File Size   629.62 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PRECISION VOLTAGE REGULATORS

UA723CD Datasheet (PDF)

Go To PDF Page Download Datasheet
UA723CD Datasheet PDF - Texas Instruments

Part # UA723CD
Download  UA723CD Click to download

File Size   629.62 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PRECISION VOLTAGE REGULATORS

UA723CD Datasheet (HTML) - Texas Instruments


UA723CD Product details

150-mA Load Current Without External
Power Transistor
Adjustable Current-Limiting Capability
Input Voltages up to 40 V
Output Adjustable From 2 V to 37 V
Direct Replacement for Fairchild mA723C

description
The mA723 is a precision integrated-circuit
voltage regulator, featuring high ripple rejection,
excellent input and load regulation, excellent temperature stability, and low standby current. The circuit consists
of a temperature-compensated reference-voltage amplifier, an error amplifier, a 150-mA output transistor, and
an adjustable-output current limiter.
The mA723 is designed for use in positive or negative power supplies as a series, shunt, switching, or floating
regulator. For output currents exceeding 150 mA, additional pass elements can be connected as shown in
Figures 4 and 5.
The mA723C is characterized for operation from 0°C to 70°C.




Similar Part No. - UA723CD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UA723CD PHILIPS-UA723CD Datasheet
67Kb / 6P
Precision voltage regulator
1994 Aug 31
logo
Texas Instruments
UA723CD TI1-UA723CD Datasheet
806Kb / 21P
PRECISION VOLTAGE REGULATORS
UA723CDE4 TI1-UA723CDE4 Datasheet
806Kb / 21P
PRECISION VOLTAGE REGULATORS
UA723CDG4 TI1-UA723CDG4 Datasheet
806Kb / 21P
PRECISION VOLTAGE REGULATORS
UA723CDR TI1-UA723CDR Datasheet
806Kb / 21P
PRECISION VOLTAGE REGULATORS
More results


Similar Description - UA723CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
Precision Voltage Regulators
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
UA723 TI1-UA723 Datasheet
806Kb / 21P
PRECISION VOLTAGE REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ACE Technology Co., LTD...
ACE431N ACE-ACE431N Datasheet
2Mb / 14P
High Voltage Adjustable Precision Shunt Regulators
VER 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com