Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE1241 Datasheet (PDF) - NTE Electronics

NTE1241 Datasheet PDF - NTE Electronics
Part # NTE1241
Download  NTE1241 Download
File Size   68.87 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Head Coil/Meter Driver

NTE1241 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1241 Datasheet PDF - NTE Electronics

Part # NTE1241
Download  NTE1241 Click to download

File Size   68.87 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Head Coil/Meter Driver

NTE1241 Datasheet (HTML) - NTE Electronics


NTE1241 Product details

Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . . . . 15V

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . 550mW

Operating Temperature Range, Topr . . . . . . . . . . . . . . . .. . . −25° to +75°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . .. . . −55° to +125°C




Similar Part No. - NTE1241

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE124 NTE-NTE124 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Power Output
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
Integrated Circuit Audio Power Amp, 5.5W
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
Integrated Circuit FM/AM IF Amp, AM Converter
NTE1248 NTE-NTE1248 Datasheet
22Kb / 3P
Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod
NTE1249 NTE-NTE1249 Datasheet
20Kb / 2P
Integrated Circuit Balancd Modulator
More results


Similar Description - NTE1241

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
Integrated Circuit Dual Peak Power Meter Driver
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
Integrated Circuit Head Amplifier Circuit for 2 Head VCR
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
Integrated Circuit Air Core Meter Driver
NTE1806 NTE-NTE1806 Datasheet
22Kb / 2P
Integrated Circuit Head Amplifier Circuit for 4 Head VCR
NTE1807 NTE-NTE1807 Datasheet
20Kb / 2P
Integrated Circuit Head Amplifier Circuit for 2 Head VCR
NTE1527 NTE-NTE1527 Datasheet
82Kb / 2P
Integrated Circuit FM, IF Amp/AFC & Meter Driver
logo
STMicroelectronics
VB027SP-E STMICROELECTRONICS-VB027SP-E Datasheet
178Kb / 14P
High voltage ignition coil driver power integrated circuit
14-May-2011
VB525SP-E STMICROELECTRONICS-VB525SP-E Datasheet
297Kb / 19P
High voltage ignition coil driver power integrated circuit
27-Sep-2010
VB526SP-E STMICROELECTRONICS-VB526SP-E Datasheet
298Kb / 19P
High voltage ignition coil driver power integrated circuit
27-Sep-2010
VB525SP STMICROELECTRONICS-VB525SP Datasheet
278Kb / 19P
High voltage ignition coil driver power integrated circuit
18-Sep-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com