Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3873 Datasheet (PDF) - Adafruit Industries

3873 Datasheet PDF - Adafruit Industries
Part # 3873
Download  3873 Download
File Size   70.59 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 5V Electromagnet 5 Kg Holding Force P25/20

3873 Datasheet (PDF)

Go To PDF Page Download Datasheet
3873 Datasheet PDF - Adafruit Industries

Part # 3873
Download  3873 Click to download

File Size   70.59 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 5V Electromagnet 5 Kg Holding Force P25/20

3873 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3873

ManufacturerPart #DatasheetDescription
logo
Weidmuller
3873100000 WEIDMULLER-3873100000 Datasheet
73Kb / 2P
STB 4 PAINTED
logo
Molex Electronics Ltd.
38733-6402 MOLEX-38733-6402 Datasheet
648Kb / 1P
Terminal Strips and Accessories
38733-6403 MOLEX-38733-6403 Datasheet
648Kb / 1P
Terminal Strips and Accessories
38733-6404 MOLEX-38733-6404 Datasheet
648Kb / 1P
Terminal Strips and Accessories
38733-6406 MOLEX-38733-6406 Datasheet
648Kb / 1P
Terminal Strips and Accessories
More results


Similar Description - 3873

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41KD ETC-41KD Datasheet
459Kb / 8P
Interrupt Holding Register
logo
HOKURIKU ELECTRIC INDUS...
HFD-500S HOKURIKU-HFD-500S Datasheet
159Kb / 1P
Force Sensor
logo
Glenair, Inc.
600F005 GLENAIR-600F005 Datasheet
161Kb / 1P
Connector Holding Tool
600FF005 GLENAIR-600FF005 Datasheet
160Kb / 1P
Connector Holding Tool
600H005 GLENAIR-600H005 Datasheet
161Kb / 1P
Connector Holding Tool
600HH005 GLENAIR-600HH005 Datasheet
161Kb / 1P
Connector Holding Tool
logo
Molex Electronics Ltd.
2178422121 MOLEX-2178422121 Datasheet
75Kb / 1P
MIZU-P25 M-M 75MM 20 AWG LEAD UL RD Sn
2021/01/19
2178401122 MOLEX-2178401122 Datasheet
79Kb / 1P
MIZU-P25 F-F 150MM 20 AWG LEAD UL BK Sn
2021/01/19
2178411124 MOLEX-2178411124 Datasheet
76Kb / 1P
MIZU-P25 F-S 300MM 20 AWG LEAD UL BK Sn
2021/01/19
2178432121 MOLEX-2178432121 Datasheet
78Kb / 1P
MIZU-P25 M-S 75MM 20 AWG LEAD UL RD Sn
2021/02/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com