Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTINY214-SSN Datasheet (PDF) - Microchip Technology

ATTINY214-SSN Datasheet PDF - Microchip Technology
Part # ATTINY214-SSN
Download  ATTINY214-SSN Download
File Size   1141.26 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology

ATTINY214-SSN Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY214-SSN Datasheet PDF - Microchip Technology

Part # ATTINY214-SSN
Download  ATTINY214-SSN Click to download

File Size   1141.26 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description AVR® Microcontroller with Core Independent Peripherals and picoPower® Technology

ATTINY214-SSN Datasheet (HTML) - Microchip Technology


ATTINY214-SSN Product details

Features
• CPU
– AVR® 8-bit CPU
– Running at up to 20MHz
– Single Cycle I/O Access
– Two-level Interrupt Controller
– Two-cycle Hardware Multiplier
• Memories
– 4/8KB In-system self-programmable Flash Memory
– 128B EEPROM
– 256/512B SRAM
• System
– Power-on Reset (POR)
– Brown-out Detection (BOD)
– Clock Options:
• 16/20MHz Low Power Internal RC Oscillator
• 32.768kHz Ultra Low Power (ULP) Internal RC Oscillator
• 32.768kHz External Crystal Oscillator
• External Clock Input
– Single Pin Unified Program Debug Interface (UPDI)
– Three Sleep Modes:
• Idle with All Peripherals Running and Mode for Immediate Wake Up Time
• Standby
– Configurable Operation of Selected Peripherals
– SleepWalking Peripherals
• Power Down with Wake-up Functionality
• Peripherals
– 6-channel Event System
– One 16-bit Timer/Counter Type A with Dedicated Period Register, Three Compare Channels
(TCA)
– One 16-bit Timer/Counter type B with Input Capture (TCB)
– One 12-bit Timer/Counter type D Optimized for Control Applications (TCD)
– One 16-bit Real Time Counter (RTC) Running from External Crystal or Internal RC Oscillator
– One USART with Fractional Baud Rate Generator, Auto-baud, and Start-of-frame Detection
– Master/Slave Serial Peripheral Interface (SPI)
– Master/Slave TWI with Dual Address Match
• Standard Mode (Sm, 100kHz)
• Fast Mode (Fm, 400kHz)
• Fast Mode Plus (Fm+, 1MHz)
– Configurable Custom Logic (CCL) with Two Programmable Lookup Tables (LUT)
– Analog Comparator (AC) with Low Propagation Delay
– 10-bit 115ksps Analog to Digital Converter (ADC)
– 8-bit Digital to Analog Converter (DAC)
– Five Selectable Internal Voltage References: 0.55V, 1.1V, 1.5V, 2.5V and 4.3V
– Automated CRC Memory Scan
– Watchdog Timer (WDT) with Window Mode, with Separate On-chip Oscillator
– Peripheral Touch Controller (PTC)(1)
• Capacitive Touch Buttons, Sliders and Wheels
• Wake-up on Touch
• Driven Shield for Improved Moisture and Noise Handling Performance
• Six Self-capacitance and Nine Mutual-capacitance Channels
– External Interrupt on All General Purpose Pins
• I/O and Packages:
– 22 Programmable I/O Lines
– 24-pin VQFN 4x4
• Temperature Ranges:
– -40°C to 105°C
– -40°C to 125°C Temperature Graded Device Options Available
• Speed Grades:
– 0-5MHz @ 1.8V – 5.5V
– 0-10MHz @ 2.7V – 5.5V
– 0-20MHz @ 4.5V – 5.5V




Similar Part No. - ATTINY214-SSN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATTINY214 MICROCHIP-ATTINY214 Datasheet
3Mb / 497P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
More results


Similar Description - ATTINY214-SSN

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1014 CYMBET-AN-1014 Datasheet
829Kb / 4P
Using the Atmel짰 picoPower AVR Microcontroller with Cymbet EnerChips
logo
Microchip Technology
ATTINY212 MICROCHIP-ATTINY212 Datasheet
3Mb / 479P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 technology
2017
ATTINY214 MICROCHIP-ATTINY214 Datasheet
3Mb / 497P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
ATTINY417 MICROCHIP-ATTINY417 Datasheet
4Mb / 492P
AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
2017
ATMEGA48A MICROCHIP-ATMEGA48A Datasheet
33Mb / 662P
High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
logo
Cree, Inc
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
Cree® LMH2 LED Module with TrueWhite® Technology
2011
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
logo
Microchip Technology
AVR64DD32 MICROCHIP-AVR64DD32 Datasheet
7Mb / 614P
AVR® DD Family
Rev. B - 04/2022
AVR32 MICROCHIP-AVR32 Datasheet
9Mb / 603P
AVR® DD Family
Rev. A - 05/2022
AVR32DD20T MICROCHIP-AVR32DD20T Datasheet
9Mb / 603P
AVR® DD Family
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com