Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP2100 Datasheet (PDF) - Renesas Technology Corp

HIP2100 Datasheet PDF - Renesas Technology Corp
Part # HIP2100_V01
Download  HIP2100 Download
File Size   672.36 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver

HIP2100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2100 Datasheet PDF - Renesas Technology Corp

Part # HIP2100_V01
Download  HIP2100 Click to download

File Size   672.36 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver

HIP2100 Datasheet (HTML) - Renesas Technology Corp


HIP2100 Product details

• Drives N-Channel MOSFET Half Bridge
• SOIC, EPSOIC, and QFN Package Options
• SOIC and EPSOIC Packages Compliant with 100V
Conductor Spacing Guidelines of IPC-2221
• Pb-Free (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1Ω Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1000pF Load with Rise and Fall Times Typ 10ns
• CMOS Input Thresholds for Improved Noise Immunity
• Independent Inputs for Non-Half Bridge Topologies
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground, or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Range
• Supply Undervoltage Protection
• 3Ω Driver Output Resistance
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile




Similar Part No. - HIP2100_V01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100EIB INTERSIL-HIP2100EIB Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100EIBZ INTERSIL-HIP2100EIBZ Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100EIBZ INTERSIL-HIP2100EIBZ Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100EIBZ INTERSIL-HIP2100EIBZ Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100EIBZ INTERSIL-HIP2100EIBZ Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
More results


Similar Description - HIP2100_V01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com