Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SP0440V2M0C Datasheet (PDF) - Power Integrations, Inc.

1SP0440V2M0C Datasheet PDF - Power Integrations, Inc.
Part # 1SP0440V2M0C
Download  1SP0440V2M0C Download
File Size   1216.28 Kbytes
Page   11 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Plug-and-Play Gate Driver for Driving

1SP0440V2M0C Datasheet (PDF)

Go To PDF Page Download Datasheet
1SP0440V2M0C Datasheet PDF - Power Integrations, Inc.

Part # 1SP0440V2M0C
Download  1SP0440V2M0C Click to download

File Size   1216.28 Kbytes
Page   11 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Plug-and-Play Gate Driver for Driving

1SP0440V2M0C Datasheet (HTML) - Power Integrations, Inc.


1SP0440V2M0C Product details

Applications
• VSC-HVDC
Description
The plug-and-play 1SP0440V2M0C gate driver is based on the SCALE™-2
chip set. It is optimized for the operation of 4500 V IHV IGBT power
modules with 25V gate voltage in on-state.
The gate driver features optical interfaces. The power supply (isolated
DC-DC converter ISO5125R-45) has not been integrated in the driver
and needs to be purchased as seperate unit.
Power Integrations’ Dynamic Advanced Active Clamping allows an extended
DC-link voltage range in IGBT off-state for up to 60 s.




Similar Part No. - 1SP0440V2M0C

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
1SP0335D2S1-33 POWERINT-1SP0335D2S1-33 Datasheet
412Kb / 10P
SCALE-2 Plug-and-Play Drivers
2018-08-08
1SP0335D2S1-45 POWERINT-1SP0335D2S1-45 Datasheet
580Kb / 10P
SCALE-2 Plug-and-Play Drivers
2020-03-26
1SP0335D2S1-5SNA0400J POWERINT-1SP0335D2S1-5SNA0400J Datasheet
217Kb / 9P
SCALE-2 Plug-and-Play Drivers
2020-06-17
1SP0335D2S1-5SNA0500J POWERINT-1SP0335D2S1-5SNA0500J Datasheet
232Kb / 9P
SCALE-2 Plug-and-Play Drivers
2018-05-30
1SP0335D2S1-5SNA0600G POWERINT-1SP0335D2S1-5SNA0600G Datasheet
232Kb / 9P
SCALE-2 Plug-and-Play Drivers
2019-03-08
More results


Similar Description - 1SP0440V2M0C

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
Plug and Play SCSI Terminator
logo
List of Unclassifed Man...
OM9402 ETC-OM9402 Datasheet
39Kb / 3P
GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
International Rectifier
OM9403SD IRF-OM9403SD Datasheet
35Kb / 3P
IGBT GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
STANDALONE PLUG-AND-PLAY
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
Simple Plug and Play installation
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
Plug and play system evaluation
Rev. 0
logo
A-Data Technology
SV620H A-DATA-SV620H Datasheet
458Kb / 2P
Simple driver-less plug n play
UC360 A-DATA-UC360 Datasheet
747Kb / 2P
Simple driver-less plug n play
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
Easy Plug-and-play Design
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
Plug and Play SCSI Terminator
112099
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com