Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDH28D11 Datasheet (PDF) - Sumida Corporation

CDH28D11 Datasheet PDF - Sumida Corporation
Part # CDH28D11
Download  CDH28D11 Download
File Size   29.52 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS

CDH28D11 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDH28D11 Datasheet PDF - Sumida Corporation

Part # CDH28D11
Download  CDH28D11 Click to download

File Size   29.52 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description POWER INDUCTORS

CDH28D11 Datasheet (HTML) - Sumida Corporation


CDH28D11 Product details

POWER INDUCTORS <SMD Type: CDH Series>

◆ Product Description
• 3.0× 3.0mm Max.(L× W), 1.2mm Max. Height.
• Inductance range: 1.7~15μ H.
• Rated current range: 0.36~1.2A.
• Custom design is available.

◆ Feature
• Magnetically unshielded construction.
• Ideally used in Mobilephone,PDA,MP3,DSC/DVC,HDD,etc as DC-DC Converter inductors.
• Dropping impact reinforced types.
• RoHS Compliance




Similar Part No. - CDH28D11

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH28D14 SUMIDA-CDH28D14 Datasheet
132Kb / 1P
POWER INDUCTORS
CDH28D14NP-100M SUMIDA-CDH28D14NP-100M Datasheet
132Kb / 1P
POWER INDUCTORS
CDH28D14NP-150M SUMIDA-CDH28D14NP-150M Datasheet
132Kb / 1P
POWER INDUCTORS
CDH28D14NP-2R2M SUMIDA-CDH28D14NP-2R2M Datasheet
132Kb / 1P
POWER INDUCTORS
CDH28D14NP-4R7M SUMIDA-CDH28D14NP-4R7M Datasheet
132Kb / 1P
POWER INDUCTORS
More results


Similar Description - CDH28D11

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com