Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6723MAX/NOPB.A Datasheet (PDF) - Texas Instruments

LMH6723MAX/NOPB.A Datasheet PDF - Texas Instruments
Part # LMH6723MAX/NOPB.A
Download  LMH6723MAX/NOPB.A Download
File Size   1024.62 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier

LMH6723MAX/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH6723MAX/NOPB.A Datasheet PDF - Texas Instruments

Part # LMH6723MAX/NOPB.A
Download  LMH6723MAX/NOPB.A Click to download

File Size   1024.62 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier

LMH6723MAX/NOPB.A Datasheet (HTML) - Texas Instruments


LMH6723MAX/NOPB.A Product details

1 Features
1• Large Signal Bandwidth and Slew Rate 100%
Tested
• 370 MHz Bandwidth (AV = 1, VOUT = 0.5 VPP) −3
dB BW
• 260 MHz (A V = +2 V/V, VOUT = 0.5 VPP) −3 dB BW
• 1 mA Supply Current
• 110 mA Linear Output Current
• 0.03%, 0.11° Differential Gain, Phase
• 0.1 dB Gain Flatness to 100 MHz
• Fast Slew Rate: 600 V/μs
• Unity Gain Stable
• Single Supply Range of 4.5 to 12V
• Improved Replacement for CLC450, CLC452,
(LMH6723)

2 Applications
• Line Driver
• Portable Video
• A/D Driver
• Portable DVD

3 Description
The LMH6723/LMH6724 provides a 260 MHz small
signal bandwidth at a gain of +2 V/V and a 600 V/μs
slew rate while consuming only 1 mA from ±5V
supplies.
The LMH6723/LMH6724 supports video applications
with its 0.03% and 0.11° differential gain and phase
for NTSC and PAL video signals, while also offering a
flat gain response of 0.1 dB to 100 MHz. Additionally,
the LMH6723/LMH6724 can deliver 110 mA of linear
output current. This level of performance, as well as a
wide supply range of 4.5 to 12V, makes the
LMH6723/LMH6724 an ideal op amp for a variety of
portable applications. With small packages (SOIC
and SOT-23), low power requirement, and high performance, the LMH6723/LMH6724 serves a wide
variety of portable applications.
The LMH6723/LMH6724 is manufactured in Texas
Instruments' VIP10 complimentary bipolar process.




Similar Part No. - LMH6723MAX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723MAX/NOPB TI1-LMH6723MAX/NOPB Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results


Similar Description - LMH6723MAX/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
300 MHz, 1 mA Current Feedback Amplifier
REV.B
logo
Linear Technology
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
High Speed, Current Feedback Quad Operational Amplifier
logo
Linear Technology
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com