Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AHCT1G126DBVR Datasheet (PDF) - Texas Instruments

SN74AHCT1G126DBVR Datasheet PDF - Texas Instruments
Part # SN74AHCT1G126DBVR
Download  SN74AHCT1G126DBVR Download
File Size   1058.64 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT1G126 Single Bus Buffer Gate With 3-State Output

SN74AHCT1G126DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AHCT1G126DBVR Datasheet PDF - Texas Instruments

Part # SN74AHCT1G126DBVR
Download  SN74AHCT1G126DBVR Click to download

File Size   1058.64 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT1G126 Single Bus Buffer Gate With 3-State Output

SN74AHCT1G126DBVR Datasheet (HTML) - Texas Instruments


SN74AHCT1G126DBVR Product details

1 Features
• Operating range of 4.5V to 5.5V
• Max tpd of 6ns at 5V
• Low power consumption, 10μA max ICC
• ±8mA output drive at 5V
• Inputs are TTL-voltage compatible
• Latch-up performance exceeds 250mA
per JESD 17

2 Applications
• Motor Controls: AC Induction
• Graphics Cards
• Advanced Driver Assistance Systems (ADAS)
• Motor Drives & Controls
• DLP Front Projection Systems
• Server Motherboards

3 Description
The SN74AHCT1G126 device is a single bus buffer
gate/line driver with 3-state output. The output is
disabled when the output-enable (OE) input is low.
When OE is high, true data is passed from the A input
to the Y output.




Similar Part No. - SN74AHCT1G126DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G126DBVR TI1-SN74AHCT1G126DBVR Datasheet
819Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G126DBVR TI1-SN74AHCT1G126DBVR Datasheet
819Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G126DBVR TI1-SN74AHCT1G126DBVR Datasheet
819Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
TECH PUBLIC Electronics...
SN74AHCT1G126DBVR-TP TECHPUBLIC-SN74AHCT1G126DBVR-TP Datasheet
2Mb / 5P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Similar Description - SN74AHCT1G126DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
SN74AHCT1G126-Q1 TI-SN74AHCT1G126-Q1_V01 Datasheet
1Mb / 23P
SN74AHCT1G126-Q1 Automotive Single Bus Buffer Gate with 3-State Output
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com