Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C6726 Datasheet (PDF) - Texas Instruments

C6726 Datasheet PDF - Texas Instruments
Part # C6726
Download  C6726 Download
File Size   1037.37 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Floating-Point Digital Signal Processors

C6726 Datasheet (PDF)

Go To PDF Page Download Datasheet
C6726 Datasheet PDF - Texas Instruments

Part # C6726
Download  C6726 Click to download

File Size   1037.37 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Floating-Point Digital Signal Processors

C6726 Datasheet (HTML) - Texas Instruments


C6726 Product details

1.1 Features
· C672x: 32-/64-Bit 300-MHz Floating-Point DSPs
· Upgrades to C67x+ CPU From C67x™ DSP
Generation:
– 2X CPU Registers [64 General-Purpose]
– New Audio-Specific Instructions
– Compatible With the C67x CPU
· Enhanced Memory System
– 256K-Byte Unified Program/Data RAM
– 384K-Byte Unified Program/Data ROM
– Single-Cycle Data Access From CPU
– Large Program Cache (32K Byte) Supports
RAM, ROM, and External Memory
· External Memory Interface (EMIF) Supports
– 100-MHz SDRAM (16- or 32-Bit)
– Asynchronous NOR Flash, SRAM (8-,16-, or
32-Bit)
– NAND Flash (8- or 16-Bit)
· Enhanced I/O System
– High-Performance Crossbar Switch
– Dedicated McASP DMA Bus
– Deterministic I/O Performance
· dMAX (Dual Data Movement Accelerator)
Supports:
– 16 Independent Channels
– Concurrent Processing of Two Transfer
Requests
– 1-, 2-, and 3-Dimensional
Memory-to-Memory and
Memory-to-Peripheral Data Transfers
– Circular Addressing Where the Size of a
Circular Buffer (FIFO) is not Limited to 2n
– Table-Based Multi-Tap Delay Read and
Write Transfers From/To a Circular Buffer
· Three Multichannel Audio Serial Ports
– Transmit/Receive Clocks up to 50 MHz
– Six Clock Zones and 16 Serial Data Pins
– Supports TDM, I2S, and Similar Formats
– DIT-Capable (McASP2)
· Universal Host-Port Interface (UHPI)
– 32-Bit-Wide Data Bus for High Bandwidth
– Muxed and Non-Muxed Address and Data
· Two 10-MHz SPI Ports With 3-, 4-, and 5-Pin
Options
· Two Inter-Integrated Circuit (I2C) Ports
· Real-Time Interrupt Counter/Watchdog
· Oscillator- and Software-Controlled PLL
· Applications:
– Professional Audio
· Mixers
· Effects Boxes
· Audio Synthesis
· Instrument/Amp Modeling
· Audio Conferencing
· Audio Broadcast
· Audio Encoder
– Emerging Audio Applications
– Biometrics
– Medical
– Industrial
· Commercial or Extended Temperature
· 144-Pin, 0.5-mm, PowerPAD™ Thin Quad
Flatpack (TQFP) [RFP Suffix]
· 256-Terminal, 1.0-mm, 16x16 Array Plastic Ball
Grid Array (PBGA) [GDH and ZDH Suffixes]




Similar Part No. - C6726

ManufacturerPart #DatasheetDescription
logo
Powerbox
C672 POWERBOX-C672 Datasheet
501Kb / 1P
500 WATTS (AC) DC/D CSINGLE OUTPUT
More results


Similar Description - C6726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
Floating-Point Digital Signal Processors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com