Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4536 Datasheet (PDF) - Adafruit Industries

4536 Datasheet PDF - Adafruit Industries
Part # 4536
Download  4536 Download
File Size   757.45 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 2.1mm 5VDC Barrel Jack to USB C Adapter

4536 Datasheet (PDF)

Go To PDF Page Download Datasheet
4536 Datasheet PDF - Adafruit Industries

Part # 4536
Download  4536 Click to download

File Size   757.45 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 2.1mm 5VDC Barrel Jack to USB C Adapter

4536 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4536

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4536 WELWYN-4536 Datasheet
197Kb / 2P
High Voltage Planar Dividers
logo
List of Unclassifed Man...
4536 ETC2-4536 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
TT Electronics.
4536 TTELEC-4536 Datasheet
269Kb / 2P
voltage up to 15 kv dc
4536 TTELEC-4536 Datasheet
280Kb / 2P
High Voltage Planar Dividers
logo
Heyco.
4536 HEYCO-4536 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results


Similar Description - 4536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
logo
Tripp Lite. All Rights ...
U437-002 TRIPPLITE-U437-002 Datasheet
162Kb / 3P
USB-C to 3.5 mm Stereo Audio Adapter - USB 2.0, Silver
logo
SparkFun Electronics
PRT-09518 SPARKFUN-PRT-09518 Datasheet
90Kb / 1P
9V to Barrel Jack Adapter
11/16/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
SparkFun Electronics
TOL-08734 SPARKFUN-TOL-08734 Datasheet
91Kb / 1P
Barrel Jack to 2-pin JST
11/16/2015
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com