Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K12550D Datasheet (PDF) - Carl Kammerling International Limited

K12550D Datasheet PDF - Carl Kammerling International Limited
Part # K12550D
Download  K12550D Download
File Size   351.67 Kbytes
Page   13 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Premium brass padlocks

K12550D Datasheet (PDF)

Go To PDF Page Download Datasheet
K12550D Datasheet PDF - Carl Kammerling International Limited

Part # K12550D
Download  K12550D Click to download

File Size   351.67 Kbytes
Page   13 Pages
Manufacturer  CARL [Carl Kammerling International Limited]
Direct Link  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited
Description Premium brass padlocks

K12550D Datasheet (HTML) - Carl Kammerling International Limited


K12550D Product details

Features
· Hardened steel shackle (20mm and above) –
extra protection against hacksaw and cropping
attacks
· Double bolted locking mechanism (30mm and
above) – extra strength to resist torsion and pull
attacks
· Solid brass body – added resistance to corrosion
· Anti pick mushroom pins (30mm and above) –
extra protection against picking
· Paracentric keyway (20mm and above) extra
protection against manipulation




Similar Part No. - K12550D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K125 FOX-K125 Datasheet
398Kb / 3P
2 x 1.2mm SMD Tuning Fork
logo
KG Technologies, Inc.
K125 KG-K125 Datasheet
376Kb / 4P
HIGH POWER LATCHING RELAY
K125-90 KG-K125-90 Datasheet
1Mb / 4P
HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
K1257D1WHI ETC-K1257D1WHI Datasheet
9Mb / 19P
Logic Plus™
K1257WHI ETC-K1257WHI Datasheet
9Mb / 19P
Logic Plus™
More results


Similar Description - K12550D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
D2151-A FUJITSU-D2151-A Datasheet
503Kb / 2P
Premium Mainboard
logo
List of Unclassifed Man...
6L6WGB ETC2-6L6WGB Datasheet
304Kb / 6P
PREMIUM TUBE
logo
PANDUIT CORP.
PSL-6 PANDUIT-PSL-6 Datasheet
73Kb / 1P
Laminated Steel Padlocks
PSL-8 PANDUIT-PSL-8 Datasheet
64Kb / 2P
Non-Conductive Lockout Padlocks
logo
Ralston Instruments.
QTFT-1MB1 RALSTON-QTFT-1MB1_19 Datasheet
543Kb / 1P
Brass
QTFT-3MB1 RALSTON-QTFT-3MB1_19 Datasheet
485Kb / 1P
Brass
QTHA-1MB0 RALSTON-QTHA-1MB0_19 Datasheet
483Kb / 1P
Brass
QTHA-1MB1 RALSTON-QTHA-1MB1_19 Datasheet
483Kb / 1P
Brass
QTHA-2TB0 RALSTON-QTHA-2TB0_19 Datasheet
343Kb / 1P
Brass
QTHA-MTB0-6MM RALSTON-QTHA-MTB0-6MM_19 Datasheet
662Kb / 1P
Brass
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com