Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV320AIC24 Datasheet (PDF) - Texas Instruments

TLV320AIC24 Datasheet PDF - Texas Instruments
Part # TLV320AIC24
Download  TLV320AIC24 Download
File Size   1242.18 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC

TLV320AIC24 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV320AIC24 Datasheet PDF - Texas Instruments

Part # TLV320AIC24
Download  TLV320AIC24 Click to download

File Size   1242.18 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC

TLV320AIC24 Datasheet (HTML) - Texas Instruments


TLV320AIC24 Product details

FEATURES
· Stereo 16-Bit Oversampling Sigma-Delta A/D
Converter
· Stereo 16-Bit Oversampling Sigma-Delta D/A
Converter
· Support Maximum Master Clock of 100 MHz to
Allow DSPs Output Clock to be Used as a
Master Clock
· Selectable FIR/IIR Filter With Bypassing
Option
· Programmable Sampling Rate up to:
– Max 26 Ksps With On-Chip IIR/FIR Filter
– Max 104 Ksps With IIR/FIR Bypassed
· On-Chip FIR Produced 84-dB SNR for ADC
and 92-dB SNR for DAC over 13-Khz BW
· Smart Time Division Multiplexed (SMARTDM®)
Serial Port
– Glueless 4-Wire Interface to DSP
– Automatic Cascade Detection (ACD)
Self-Generates Master/Slave Device
Addresses
– Programming Mode to Allow On-The-Fly
Reconfiguration
– Continuous Data Transfer Mode to Minimize
Bit Clock Speed
– Support Different Sampling Rate for Each
Device
– Turbo Mode to Maximize Bit Clock For
Faster Data Transfer and Allow Multiple
Serial Devices to Share the Same Bus
– Allows up to Eight Devices to be Connected
to a Single Serial Port
· Host port
– 2-Wire Interface
– Selectable I2C or S2C
· Differential and Single-Ended Analog
Input/Output
· Built-In Analog Functions:
– Analog and Digital Sidetone
– Antialiasing Filter (AAF)
– Programmable Input and Output Gain
Control (PGA)
– Microphone/Handset/Headset Amplifiers
– AIC20/21/20K Have a Built-In 8-W Speaker
Driver
– Power Management With Hardware/Software
Power-Down Modes 30 μW
· Separate Software Control for ADC and DAC
Power Down
· Fully Compatible With Common TMS320® DSP
Family and Microcontroller Power Supplies
– 1.65-V - 1.95-V Digital Core Power
– 1.1-V - 3.6-V Digital I/O
– 2.7-V - 3.6-V Analog
· Internal Reference Voltage (Vref)
· 2s Complement Data Format
· Test Mode Which Includes Digital Loopback
and Analog Loopback

APPLICATIONS
· Wireless Accessories
· Hands-Free Car Kits
· VOIP
· Cable Modem
· Speech Processing

DESCRIPTION
The TLV320AIC2x is a low-cost, low-power, highly-integrated, high-performance, dual-voice codec. It features
two 16-bit analog-to-digital (A/D) channels and two 16-bit digital-to-analog (D/A) channels, which can be
connected to a handset, headset, speaker, microphone, or a subscriber line via a programmable analog
crosspoint.
The TLV320AIC2x provides high resolution signal conversion from digital-to-analog (D/A) and from
analog-to-digital (A/D) using oversampling sigma-delta technology with programmable sampling rate.
The TLV320AIC2x implements the smart time division multiplexed serial port (SMARTDM™) . The SMARTDM
port is a synchronous 4-wire serial port in TDM format for glue-free interface to TI DSPs (i.e., TMS320C5000®,
TMS320C6000® DSP platforms) and microcontrollers. The SMARTDM™ supports both continuous data transfer
mode and on-the-fly reconfiguration programming mode. The TLV320AIC2x can be gluelessly cascaded to any
SMARTDM-based device to form a multichannel codec, and up to eight TLV320AIC2x codecs can be cascaded
to a single serial port.
The TLV320AIC2x provides a flexible host port. The host port interface is a two-wire serial interface that can be
programmed to be either an industrial standard I2C or a simple S2C (start-stop communication protocol).
The TLV320AIC2x integrates all of the critical functions needed for most voice-band applications including MIC
preamplifier, handset amplifier headset amplifier, 8-W speaker driver, sidetone control, antialiasing filter (AAF),
input/output programmable gain amplifier (PGA), and selectable low-pass IIR/FIR filters.
The TLV320AIC2x implements an extensive power management; including device power-down, independent
software control for turning off ADC, DAC, operational-amplifiers, and IIR/FIR filter (bypassable) to maximize
system power conservation. The TLV320AIC2x consumes only 14.9 mW per channel at 3 V.
The TLV320AIC2x low power operation from 2.7-V to 3.6-V power supplies along with extensive power
management make it ideal for portable applications including wireless accessories, hands-free car kits, VOIP,
cable modem, and speech processing. Its low group delay characteristic makes it suitable for single or
multichannel active control applications.
The TLV320AIC2x is characterized for commercial operation from 0°C to 70°C, and industrial operation from
-40°C to 85°C. The TLV320AIC2xk is characterized for industrial operation from -40°C to 85°C.




Similar Part No. - TLV320AIC24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
330Kb / 50P
PRODUCT NOTIFICATION
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC24 TI1-TLV320AIC24 Datasheet
1Mb / 56P
Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC24 TI2-TLV320AIC24 Datasheet
693Kb / 56P
SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
OCTOBER 2003
TLV320AIC24 TI2-TLV320AIC24 Datasheet
728Kb / 58P
Low Power CMOS, 16-Bit, 26-KSPS Codec With Smart Time Division Multiplexed (SMARTDM™) Serial Port
OCTOBER 2003
More results


Similar Description - TLV320AIC24

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Texas Instruments
TLV320AIC12 TI-TLV320AIC12_07 Datasheet
1Mb / 63P
LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
Dual 16-Bit Linear Codec-Filter
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
Low Power, Highly Integrated Smart Audio Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com