Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS114X Datasheet (PDF) - Texas Instruments

ADS114X Datasheet PDF - Texas Instruments
Part # ADS114X
Download  ADS114X Download
File Size   2585.91 Kbytes
Page   100 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS114x 16-Bit, 2-kSPS, Analog-to-Digital Converters With Programmable Gain Amplifier (PGA) for Sensor Measurement

ADS114X Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS114X Datasheet PDF - Texas Instruments

Part # ADS114X
Download  ADS114X Click to download

File Size   2585.91 Kbytes
Page   100 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS114x 16-Bit, 2-kSPS, Analog-to-Digital Converters With Programmable Gain Amplifier (PGA) for Sensor Measurement

ADS114X Datasheet (HTML) - Texas Instruments


ADS114X Product details

1 Features
1• Programmable Data Rates Up to 2 kSPS
• Single-Cycle Settling for All Data Rates
• Simultaneous 50-Hz and 60-Hz Rejection at
20 SPS
• Analog Multiplexer With 8 (ADS1148) and
4 (ADS1147) Independently Selectable Inputs
• Programmable Gain: 1 V/V to 128 V/V
• Dual-Matched Programmable Excitation Current
Sources
• Low-Drift Internal 2.048-V Reference
• Sensor Burnout Detection
• 4 or 8 General-Purpose I/Os (ADS1147 and
ADS1148)
• Internal Temperature Sensor
• Power Supply and VREF Monitoring (ADS1147 and
ADS1148)
• Self and System Calibration
• SPI™-Compatible Serial Interface
• Analog Supply: Unipolar (2.7 V to 5.25 V) or
Bipolar (±2.5 V)
• Digital Supply: 2.7 V to 5.25 V

2 Applications
• Temperature Measurement
– RTDs, Thermocouples, and Thermistors
• Pressure Measurement
• Flow Meters
• Factory Automation and Process Control

3 Description
The ADS1146, ADS1147, and ADS1148 devices are
precision, 16-bit analog-to-digital converters (ADCs)
that include many integrated features to reduce
system cost and component count for sensor
measurement applications. The devices feature a
low-noise, programmable gain amplifier (PGA), a
precision delta-sigma (ΔΣ) ADC with a single-cycle
settling digital filter, and an internal oscillator. The
ADS1147 and ADS1148 devices also provide a builtin,
low-drift voltage reference, and two matched
programmable excitation current sources (IDACs).
An input multiplexer supports four differential inputs
for the ADS1148, two for the ADS1147, and one for
the ADS1146. In addition, the multiplexer integrates
sensor burn-out detection, voltage bias for
thermocouples, system monitoring, and general
purpose digital I/Os (ADS1147 and ADS1148). The
PGA provides selectable gains up to 128 V/V. These
features provide a complete front-end solution for
temperature sensor measurement applications
including thermocouples, thermistors, and resistance
temperature detectors (RTDs) and other small signal
measurements including resistive bridge sensors.
The digital filter settles in a single cycle to support
fast channel cycling when using the input multiplexer
and provides data rates up to 2 kSPS. For data rates
of 20 SPS or less, both 50-Hz and 60-Hz interference
are rejected by the filter.




Similar Part No. - ADS114X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
781Kb / 54P
16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1146 TI1-ADS1146 Datasheet
1Mb / 64P
16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146 Datasheet
1Mb / 67P
16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI2-ADS1146 Datasheet
2Mb / 104P
ADS124x 24-Bit, 2-kSPS, Analog-To-Digital Converters With Programmable Gain Amplifier (PGA) For Sensor Measurement
REVISED MARCH 2016
More results


Similar Description - ADS114X

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
Monlithic 16-bit digital-to-analog converters
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
ADS1146 TI-ADS1146 Datasheet
561Kb / 50P
16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1146 TI1-ADS1146_10 Datasheet
781Kb / 54P
16-Bit Analog-to-Digital Converters for Temperature Sensors
APRIL2010
ADS1146 TI1-ADS1146_12 Datasheet
1Mb / 64P
16-Bit Analog-to-Digital Converters for Temperature Sensors
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
ADS1146 TI1-ADS1146_14 Datasheet
1Mb / 67P
16-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com