Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675IPAG Datasheet (PDF) - Texas Instruments

ADS1675IPAG Datasheet PDF - Texas Instruments
Part # ADS1675IPAG
Download  ADS1675IPAG Download
File Size   736.9 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4MSPS, 24-Bit Analog-to-Digital Converter

ADS1675IPAG Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1675IPAG Datasheet PDF - Texas Instruments

Part # ADS1675IPAG
Download  ADS1675IPAG Click to download

File Size   736.9 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4MSPS, 24-Bit Analog-to-Digital Converter

ADS1675IPAG Datasheet (HTML) - Texas Instruments


ADS1675IPAG Product details

1FEATURES
2• AC Performance:
103dB of Dynamic Range at 4MSPS
111dB of Dynamic Range at 125kSPS
–107dB THD
• DC Accuracy:
3ppm INL
4mV/°C Offset Drift
4ppm/°C Gain Drift
• Programmable Digital Filter with
User-Selectable Path:
– Low-Latency: Completely settles in 2.65ms
– Wide-Bandwidth: 1.7MHz BW with flat
passband
• Flexible Read-Only Serial Interface:
– Standard CMOS
– Serialized LVDS
• Easy Conversion Control with START Pin
• Out-of-Range Detection
• Supply: Analog +5V, Digital +3V
• Power: 575mW

APPLICATIONS
• Automated Test Equipment
• Medical Imaging
• Scientific Instrumentation
• Test and Measurement

DESCRIPTION
The ADS1675 is a high-speed, high-precision
analog-to-digital converter (ADC). Using an advanced
delta-sigma (ΔΣ) architecture, it operates at speeds
up to 4MSPS with outstanding ac performance and
dc accuracy.
The ADS1675 ADC is comprised of a low-drift
modulator with out-of-range detection and a dual-path
programmable digital filter. The dual filter path allows
the user to select between two post-processing filters:
Low-Latency or Wide-Bandwidth. The Low-Latency filter settles quickly (as fast as 2.65ms) for
applications with large instantaneous changes, such
as a multiplexer. The Wide-Bandwidth path provides
an optimized frequency response for ac
measurements with a passband ripple of less than ±0.00002dB, stop band attenuation of 86dB, and a
bandwidth of 1.7MHz.
The device offers two speed modes with distinct
interface, resolution, and feature set. In the
high-speed mode the device can be set to operate at
either 4MSPS or 2MSPS. In the low-speed mode, it can be set to operate at either 1MSPS, 500KSPS,
250KSPS or 125KSPS.
The ADS1675 is controlled through I/O pins—there are no registers to program. A dedicated START pin
allows for direct control of conversions: toggle the
START pin to begin a conversion, and then retrieve
the output data. The flexible serial interface supports
data readback with either standard CMOS and LVDS
logic levels, allowing the ADS1675 to directly connect
to a wide range of microcontrollers, digital signal
processors (DSPs), or field-programmable grid arrays
(FPGAs).
The ADS1675 operates from an analog supply of 5V
and digital supply of 3V, and dissipates 575mW of
power. When not in use, the PDWN pin can be used
to power down all device circuitry. The device is fully
specified over the industrial temperature range and is
offered in a TQFP-64 package.




Similar Part No. - ADS1675IPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1675IPAG TI-ADS1675IPAG Datasheet
796Kb / 36P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
709Kb / 36P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI-ADS1675IPAG Datasheet
690Kb / 36P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI1-ADS1675IPAG Datasheet
902Kb / 38P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675IPAG TI2-ADS1675IPAG Datasheet
736Kb / 40P
4MSPS, 24-Bit Analog-to-Digital Converter
REVISED AUGUST 2010
More results


Similar Description - ADS1675IPAG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1675 TI-ADS1675 Datasheet
796Kb / 36P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_1 Datasheet
709Kb / 36P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1675 TI-ADS1675_2 Datasheet
690Kb / 36P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1675 TI1-ADS1675_14 Datasheet
902Kb / 38P
4MSPS, 24-Bit Analog-to-Digital Converter
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com