Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASFC32G11MB-51BIN Datasheet (PDF) - Alliance Semiconductor Corporation

ASFC32G11MB-51BIN Datasheet PDF - Alliance Semiconductor Corporation
Part # ASFC32G11MB-51BIN
Download  ASFC32G11MB-51BIN Download
File Size   1854.95 Kbytes
Page   42 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes

ASFC32G11MB-51BIN Datasheet (PDF)

Go To PDF Page Download Datasheet
ASFC32G11MB-51BIN Datasheet PDF - Alliance Semiconductor Corporation

Part # ASFC32G11MB-51BIN
Download  ASFC32G11MB-51BIN Click to download

File Size   1854.95 Kbytes
Page   42 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes

ASFC32G11MB-51BIN Datasheet (HTML) - Alliance Semiconductor Corporation


ASFC32G11MB-51BIN Product details

Product Features
• Fully compliant with JEDEC e·MMC 5.1 Standard (JESD84-B51)
• 153-ball BGA, 0.5mm pitch, 11.5 x 13mm, RoHS compliant
• 3D TLC NAND base technology
• Multiple 3D TLC or enhanced/reliable mode partitions user configurable according to e·MMC Spec 5.1
• High performance e·MMC 5.1 specification
o Eleven-wire bus (clock, Data Strobe, 1 bit command, 8 bit data bus) and a hardware reset
o Three different data bus width modes: 1-bit (default), 4-bit, and 8-bit
o Clock frequencies 0-200MHz, High Speed Mode HS400
o Command Queue Feature according to e·MMC Spec 5.1
o Up to 300MB/s sequential read and up to 230MB/s sequential write
• Power Supply: (Low-power CMOS technology)
o VCCQ 1.7V to 1.95V or 2.7V to 3.6V e·MMC supply / VCC 2.7V to 3.6V NAND Flash supply
• Optimized FW algorithms
o Power-fail data loss protection
o Wear Leveling technology Equal wear leveling of static and dynamic data. The wear leveling assures that dynamic data as well as static data is balanced evenly across the memory. With that the maximum write endurance of the device is ensured
o Read Disturb Management The read commands per region are monitored and the content is conditionally refreshed when critical levels have occurred
o Auto Read Refresh The interruptible background process maintains the user data for Read Disturb effects or Retention degradation due to high temperature effects
o Diagnostic features with Device Health Report according to e·MMC Spec 5.1, and detailed Lifetime Monitor data (Alliance proprietary, accessible through standard e·MMC commands).
o Field Firmware update2 according to e·MMC Spec 5.1
o Discard and Sanitize, Trim
o Boot Operation Mode and Alternative Boot Operation Mode
o Replay Protected Memory Block (RPMB)

Product Description
The Alliance e·MMC is a managed non-volatile storage consisting of a single chip MMC controller and a NAND flash memory chip inside a JEDEC defined standard BGA package. It is specially designed as a small form factor memory product for storage of data and as a boot media. The performance is optimized to a mostly read operation mode at low power consumption. The utilization of 3D TLC NAND technology, with the option to configure the memory in Enhanced mode (pSLC), targets higher demanding industrial, which is supported by the industrial temperature grade specification.
The e·MMC controller directly manages NAND flash, including ECC, wear-leveling, IOPS optimization and read sensing. The firmware features support high throughput for large data transfers and performance for small random data more commonly found in code usage. It also contains several security features as well as multiple boot partitions. Uses advanced refresh features for retention optimization for read intensive applications.
e·MMC communication is based on an advanced 11-signal bus. The communication protocol is defined as a part of the JEDEC e·MMC standard and referred to as the e·MMC mode.




Similar Part No. - ASFC32G11MB-51BIN

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFC10.7M ABRACON-ASFC10.7M Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MA ABRACON-ASFC10.7MA Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MA19 ABRACON-ASFC10.7MA19 Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MC40 ABRACON-ASFC10.7MC40 Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MJ ABRACON-ASFC10.7MJ Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
More results


Similar Description - ASFC32G11MB-51BIN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1200 NXP-LPC1200 Datasheet
210Kb / 2P
Up to 128 KB Flash and configurable peripherals for industrial control
February 2011
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
29-Oct-2012
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
logo
STMicroelectronics
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
14-Jun-2011
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
STM32F217IGT6 STMICROELECTRONICS-STM32F217IGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
29-Oct-2012
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
logo
PHOENIX CONTACT
2701185 PHOENIX-2701185 Datasheet
45Kb / 2P
Program and configuration memory, plug-in, 2 Gbytes.
logo
Apacer Technology Inc.
SDHC-5.1-H2-M APACER-SDHC-5.1-H2-M Datasheet
2Mb / 5P
Apacer Industrial SD 5.1 card
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com