Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS7947 Datasheet (PDF) - Texas Instruments

ADS7947 Datasheet PDF - Texas Instruments
Part # ADS7947
Download  ADS7947 Download
File Size   1601.02 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters

ADS7947 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7947 Datasheet PDF - Texas Instruments

Part # ADS7947
Download  ADS7947 Click to download

File Size   1601.02 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters

ADS7947 Datasheet (HTML) - Texas Instruments


ADS7947 Product details

1FEATURES
23• Sample Rate: 2 MSPS
• 14-Bit, Pin-Compatible with 8/10/12-bit
ADS7947/8/9 Family (ADS7946)
• Outstanding Performance:
– SNR: 84 dB (ADS7945)
– No Missing Codes
– INL: 1.5 LSB (max) (ADS7945)
• Low Power:
– 11.6 mW at 2 MSPS Operation
– Auto Power-Down at Lower Speeds:
– 7.2 mW at 500 kSPS
– 1.4 mW at 100 kSPS
– 0.3 mW at 20 kSPS
• Wide Supply Range:
– Analog: 2.7 V to 5.25 V
– Digital: 1.65 V to AVDD
• Simple Serial Interface (SPI)
• Fully Specified from –40°C to +125°C
• Tiny Footprint: 3 mm × 3 mm QFN

APPLICATIONS
• Optical Networking
• Medical Instrumentation
• Battery-Powered Equipment
• Data Acquisition Systems

DESCRIPTION
The ADS7945/6 are 14-bit, 2 MSPS analog-to-digital
converters (ADCs), with differential and single-ended
inputs, respectively. The devices operate at a 2
MSPS sample rate with a standard 16-clock data
frame. The devices feature both outstanding dc
precision and excellent dynamic performance; the
ADS7946 is pin-compatible with the 8/10/12-bit
ADS7947/8/9 devices. The devices include a
two-channel input multiplexer and a low-power
successive approximation register (SAR) ADC with
an inherent sample-and-hold (S/H) input stage.
The ADS7945/6 support a wide analog supply range
that allows the full-scale input range to extend to ±5 V
differential or 5 V single-ended. A simple SPI™, with
a digital supply that can operate as low as 1.65 V,
allows for easy interfacing to a wide variety of digital
controllers. Automatic power-down can be enabled when operating at slower speeds to dramatically
reduce power consumption.
Offered in a tiny 3 mm × 3 mm QFN package, the
ADS7945/6 are fully specified over the extended
temperature range of –40°C to +125°C and are
suitable for a wide variety of data acquisition applications where high performance, low power, and
small package size are key.




Similar Part No. - ADS7947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7947 TI-ADS7947 Datasheet
819Kb / 38P
12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
ADS7947 TI1-ADS7947 Datasheet
890Kb / 39P
12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
ADS7947 TI2-ADS7947 Datasheet
1Mb / 42P
ADS794x Ultra-Low Power, 12-, 10-, and 8-Bit, Dual-Channel, SAR ADCs
REVISED SEPTEMBER 2019
ADS7947SRTER TI-ADS7947SRTER Datasheet
819Kb / 38P
12/10/8-Bit 2MSPS, Dual-Channel Unipolar Pseudo-Differential Ultralow-Power SAR Analog-to-Digital Converters
ADS7947SRTER TI1-ADS7947SRTER Datasheet
890Kb / 39P
12/10/8-Bit, 2MSPS, Dual-Channel, Unipolar, Pseudo-Differential, Ultralow-Power SAR Analog-to-Digital Converters
More results


Similar Description - ADS7947

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7945 TI1-ADS7945 Datasheet
1Mb / 49P
14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS7945 TI1-ADS7945_14 Datasheet
1Mb / 50P
14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com