Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KGL02CR51E103KT Datasheet (PDF) - Kyocera Kinseki Corpotation

KGL02CR51E103KT Datasheet PDF - Kyocera Kinseki Corpotation
Part # KGL02CR51E103KT
Download  KGL02CR51E103KT Download
File Size   430.12 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0201 6.3 V X7T 1uF ±10%

KGL02CR51E103KT Datasheet (PDF)

Go To PDF Page Download Datasheet
KGL02CR51E103KT Datasheet PDF - Kyocera Kinseki Corpotation

Part # KGL02CR51E103KT
Download  KGL02CR51E103KT Click to download

File Size   430.12 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0201 6.3 V X7T 1uF ±10%

KGL02CR51E103KT Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - KGL02CR51E103KT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL2115 OKI-KGL2115 Datasheet
178Kb / 5P
UHF-band Device Series
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
2.0 GHz Two-Modulus Prescaler
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
1.7 GHz Two-Modulus Prescaler
KGL4115F OKI-KGL4115F Datasheet
64Kb / 5P
10 Gbps EA Modulator Driver IC
KGL4115HW-R OKI-KGL4115HW-R Datasheet
139Kb / 7P
11.1 Gbps Modulator Driver IC
More results


Similar Description - KGL02CR51E103KT

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
02573 VICOR-02573 Datasheet
55Kb / 1P
CAP, FLM, AXIAL, 1uF, -10%/250V
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
logo
Kemet Corporation
C1206C106K9PACTU KEMET-C1206C106K9PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 6.3 V, 1206, X5R, SMD, MLCC, Temperature Stable, Class II
C0201C100K8GACTU KEMET-C0201C100K8GACTU Datasheet
70Kb / 1P
Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 10 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C101K8GACTU KEMET-C0201C101K8GACTU Datasheet
70Kb / 1P
Ceramic, Commercial-(CxxxxC), 100 pF, 10%, 10 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C104K9PACTU KEMET-C0201C104K9PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 6.3 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
C0201C103K8PACTU KEMET-C0201C103K8PACTU Datasheet
72Kb / 1P
SMD Comm X5R, Ceramic, 0.01 uF, 10%, 10 V, 0201, X5R, SMD, MLCC, Temperature Stable, Class II
C0201C103K9PACTU KEMET-C0201C103K9PACTU Datasheet
59Kb / 1P
SMD Comm X5R, Ceramic, 0.01 uF, 10%, 6.3 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0201
C0201C104M9PACTU KEMET-C0201C104M9PACTU Datasheet
59Kb / 1P
SMD Comm X5R, Ceramic, 0.1 uF, 20%, 6.3 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0201
logo
Samsung semiconductor
CL21B105KAFNNNE SAMSUNG-CL21B105KAFNNNE Datasheet
282Kb / 3P
CAP, 1uF, 25V, 짹10%, X7R, 0805
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com