Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ76200 Datasheet (PDF) - Texas Instruments

BQ76200 Datasheet PDF - Texas Instruments
Part # BQ76200
Download  BQ76200 Download
File Size   1446.26 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq76200 high-voltage battery pack front-end charge/discharge high-side NFET driver

BQ76200 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ76200 Datasheet PDF - Texas Instruments

Part # BQ76200
Download  BQ76200 Click to download

File Size   1446.26 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq76200 high-voltage battery pack front-end charge/discharge high-side NFET driver

BQ76200 Datasheet (HTML) - Texas Instruments


BQ76200 Product details

1 Features
1• CHG and DSG high-side NMOS FET drivers for
battery protection fast FET turn-on and turn-off
times
• Pre-charge PFET driver (for current-limited precharge
of significantly depleted cell-pack)
• Independent digital enable control for charging
and discharging
• Minimal external components needed
• Scalable external capacitor-based charge pump to
accommodate a different range of FETs in parallel
• High-voltage tolerant (100-V absolute maximum)
• Internal switch to enable pack-voltage sensing
• Common and separate charge and discharge path
configuration support
• Designed to work directly with bq76940, bq76930,
and bq76920 battery monitors
• Current consumption:
– NORMAL mode: 40 μA
– SHUTDOWN: < 10 μA maximum

2 Applications
• eBikes, eScooters, and eMotorcycles
• Energy storage systems and uninterruptible power
supplies (UPS)
• Portable medical systems
• Wireless base-station battery systems
• Lead acid (PbA) replacement batteries
• 12-V to 48-V battery packs

3 Description
The bq76200 device is a low-power, high-side, Nchannel
system. A high-side protection avoids ground
disconnection in the system and also allows
continuous communication between the battery pack
and host system. The device has additional PChannel
FET control to allow low-current pre-charge
to a deeply depleted battery, and a PACK+ voltage
monitor control for the host to sense the PACK+
voltage.
The independent enable inputs allow CHG and DSG
FETs to be turned on and off separately, offering
great implementation flexibility in battery systems.
The bq76200 device can be used with a companion
analog front end (AFE) device such as the
bq76920/30/40 family, a 3-series to 15-series Cell
Analog Front End Monitoring, and a host
microcontroller or dedicated state-of-charge (SOC)
tracking gas gauge device.




Similar Part No. - BQ76200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76200 TI1-BQ76200 Datasheet
1Mb / 27P
High Voltage Battery Pack Front-End Charge/Discharge High-Side NFET Driver
BQ76200PW TI1-BQ76200PW Datasheet
1Mb / 27P
High Voltage Battery Pack Front-End Charge/Discharge High-Side NFET Driver
BQ76200PWR TI1-BQ76200PWR Datasheet
1Mb / 27P
High Voltage Battery Pack Front-End Charge/Discharge High-Side NFET Driver
More results


Similar Description - BQ76200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
Multi-Cell Li-ion Battery Pack OCP/Analog Front End
February 16, 2007
logo
Maxim Integrated Produc...
DS2715 MAXIM-DS2715 Datasheet
355Kb / 17P
NiMH Battery Pack Charge Controller
4/09
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
July 3, 2008
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
July 3, 2008
logo
Texas Instruments
BQ76200 TI1-BQ76200 Datasheet
1Mb / 27P
High Voltage Battery Pack Front-End Charge/Discharge High-Side NFET Driver
logo
ON Semiconductor
NCP367 ONSEMI-NCP367_15 Datasheet
409Kb / 13P
Battery Charge Front-End Protection
February, 2015 ??Rev. 11
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Shenzhen Huazhimei Semi...
HM9519 HMSEMI-HM9519 Datasheet
3Mb / 12P
Battery Charge Front-End Full Protection
logo
Maxim Integrated Produc...
DS2715EVKIT MAXIM-DS2715EVKIT Datasheet
85Kb / 3P
NiMH Battery Pack Charge Controller
2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com