Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY74FCT377T Datasheet (PDF) - Texas Instruments

CY74FCT377T Datasheet PDF - Texas Instruments
Part # CY74FCT377T
Download  CY74FCT377T Download
File Size   243.78 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERS

CY74FCT377T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT377T Datasheet PDF - Texas Instruments

Part # CY74FCT377T
Download  CY74FCT377T Click to download

File Size   243.78 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERS

CY74FCT377T Datasheet (HTML) - Texas Instruments


CY74FCT377T Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Fully Compatible With TTL Input and
Output Logic Levels
Clock Enable for Address and Data
Synchronization Application
Eight Edge-Triggered D-Type Flip-Flops
CY54FCT377T
– 32-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT377T
– 64-mA Output Sink Current
– 32-mA Output Source Current

description
The ’FCT377T devices have eight triggered D-type flip-flops with individual data (D) inputs. The common
buffered clock (CP) inputs load all flip-flops simultaneously when the clock-enable (CE) input is low. The register
is fully edge triggered. The state of each D input at one setup time before the low-to-high clock transition is
transferred to the corresponding flip-flop output (O). CE must be stable only one setup time prior to the
low-to-high clock transition for predictable operation.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT377T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT377T TI-CY74FCT377T Datasheet
71Kb / 7P
8-Bit Register
CY74FCT377T TI1-CY74FCT377T Datasheet
683Kb / 12P
8-BIT REGISTERS
CY74FCT377T TI2-CY74FCT377T Datasheet
243Kb / 13P
8-BIT REGISTERS
REVISED OCTOBER 2001
CY74FCT377TLCC TI-CY74FCT377TLCC Datasheet
71Kb / 7P
8-Bit Register
CY74FCT377TQCT TI-CY74FCT377TQCT Datasheet
71Kb / 7P
8-Bit Register
More results


Similar Description - CY74FCT377T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS166 MOTOROLA-SN54LS166 Datasheet
106Kb / 4P
8-BIT SHIFT REGISTERS
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
8-Bit Registers
SN5491A TI-SN5491A Datasheet
204Kb / 5P
8-BIT SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS91 HITACHI-HD74LS91 Datasheet
59Kb / 6P
8-bit Shift Registers
logo
Texas Instruments
SN54198 TI-SN54198 Datasheet
394Kb / 11P
8-BIT SHIFT REGISTERS
logo
Unisonic Technologies
U74HCT595 UTC-U74HCT595_15 Datasheet
196Kb / 6P
8-BIT SHIFT REGISTERS
logo
Texas Instruments
SN74AHC595 TI1-SN74AHC595_15 Datasheet
1,021Kb / 29P
8-Bit Shift Registers
logo
Aeroflex Circuit Techno...
UT54ACS164 AEROFLEX-UT54ACS164 Datasheet
246Kb / 10P
8-Bit Shift Registers
logo
Texas Instruments
CY54FCT273T TI1-CY54FCT273T_14 Datasheet
471Kb / 12P
8-BIT REGISTERS
CY54FCT377T TI1-CY54FCT377T_14 Datasheet
683Kb / 12P
8-BIT REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com