Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD14N05L Datasheet (PDF) - ON Semiconductor

RFD14N05L Datasheet PDF - ON Semiconductor
Part # RFD14N05L
Download  RFD14N05L Download
File Size   1031.64 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Logic Level Power MOSFET 50 V, 14 A, 100 mΩ

RFD14N05L Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD14N05L Datasheet PDF - ON Semiconductor

Part # RFD14N05L
Download  RFD14N05L Click to download

File Size   1031.64 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Logic Level Power MOSFET 50 V, 14 A, 100 mΩ

RFD14N05L Datasheet (HTML) - ON Semiconductor


RFD14N05L Product details

Features
• 14A, 50V
• rDS(ON) = 0.100Ω
• Temperature Compensating PSPICE® Model
• Can be Driven Directly from CMOS, NMOS, and TTL Circuits
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175 o C Operating Temperature
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFD14N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
logo
Fairchild Semiconductor
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
213Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
214Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD14N05L ISC-RFD14N05L Datasheet
329Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFD14N05L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9K134-100E NEXPERIA-BUK9K134-100E Datasheet
757Kb / 13P
Dual N-channel 100 V, 159 mΩ logic level MOSFET
10 December 2013
BUK9Y12-100E NEXPERIA-BUK9Y12-100E Datasheet
729Kb / 13P
N-channel 100 V, 12 mΩ logic level MOSFET in LFPAK56
4 November 2016
BUK9Y15-100E NEXPERIA-BUK9Y15-100E Datasheet
724Kb / 13P
N-channel 100 V, 15 mΩ logic level MOSFET in LFPAK56
4 November 2016
BUK9Y113-100E NEXPERIA-BUK9Y113-100E Datasheet
734Kb / 13P
N-channel 100 V, 113 mΩ logic level MOSFET in LFPAK56
8 May 2013
BUK9Y153-100E NEXPERIA-BUK9Y153-100E Datasheet
1Mb / 13P
N-channel 100 V, 153 mΩ logic level MOSFET in LFPAK56
27 June 2014
BUK9Y38-100E NEXPERIA-BUK9Y38-100E Datasheet
742Kb / 13P
N-channel 100 V, 38 mΩ logic level MOSFET in LFPAK56
9 May 2013
BUK9Y65-100E NEXPERIA-BUK9Y65-100E Datasheet
734Kb / 13P
N-channel 100 V, 65 mΩ logic level MOSFET in LFPAK56
9 May 2013
PSMN1R6-30PL NEXPERIA-PSMN1R6-30PL Datasheet
731Kb / 13P
N-channel 30 V 1.7 mΩ logic level MOSFET
Rev. 02 - 25 June 2009
PSMN2R0-30PL NEXPERIA-PSMN2R0-30PL Datasheet
718Kb / 13P
N-channel 30 V 2.1 mΩ logic level MOSFET
Rev. 01 - 24 June 2009
PSMN022-30PL NEXPERIA-PSMN022-30PL Datasheet
812Kb / 15P
N-channel 30 V 22 mΩ logic level MOSFET
Rev. 02 - 1 November 2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com