Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV883X Datasheet (PDF) - Texas Instruments

DRV883X Datasheet PDF - Texas Instruments
Part # DRV883X
Download  DRV883X Download
File Size   1846.62 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV883x Low-Voltage H-Bridge Driver

DRV883X Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV883X Datasheet PDF - Texas Instruments

Part # DRV883X
Download  DRV883X Click to download

File Size   1846.62 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV883x Low-Voltage H-Bridge Driver

DRV883X Datasheet (HTML) - Texas Instruments


DRV883X Product details

1 Features
• H-Bridge Motor Driver
– Drives a DC Motor or Other Loads
– Low MOSFET On-Resistance: HS + LS
280 mΩ
• 1.8-A Maximum Drive Current
• Separate Motor and Logic Supply Pins:
– Motor VM: 0 to 11 V
– Logic VCC: 1.8 to 7 V
• PWM or PH-EN Interface
– DRV8837: PWM, IN1 and IN2
– DRV8838: PH and EN
• Low-Power Sleep Mode With 120-nA Maximum
Sleep Current
– nSLEEP pin
• Small Package and Footprint
– 8-Pin WSON With Thermal Pad
– 2.0 × 2.0 mm
• Protection Features
– VCC Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)

2 Applications
• Cameras
• DSLR Lenses
• Consumer Products
• Toys
• Robotics
• Medical Devices

3 Description
The DRV883x family of devices provides an
integrated motor driver solution for cameras,
consumer products, toys, and other low-voltage or
battery-powered motion control applications. The
device can drive one dc motor or other devices
like solenoids. The output driver block consists of Nchannel
power MOSFETs configured as an H-bridge
to drive the motor winding. An internal charge pump
generates needed gate drive voltages.
The DRV883x family of devices can supply up to
1.8 A of output current. It operates on a motor power
supply voltage from 0 to 11 V, and a device power
supply voltage of 1.8 V to 7 V.
The DRV8837 device has a PWM (IN1-IN2) input
interface; the DRV8838 device has a PH-EN
input interface. Both interfaces are compatible with
industry-standard devices.
Internal shutdown functions are provided for
overcurrent protection, short-circuit protection,
undervoltage lockout, and overtemperature.




Similar Part No. - DRV883X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8830 TI-DRV8830 Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830DGQ TI-DRV8830DGQ Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830DGQR TI-DRV8830DGQR Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830DRCR TI-DRV8830DRCR Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830DRCT TI-DRV8830DRCT Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
More results


Similar Description - DRV883X

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Texas Instruments
DRV8837 TI1-DRV8837_14 Datasheet
964Kb / 26P
Low-Voltage H-Bridge Driver
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
Low-Voltage H-Bridge Driver
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM116 HMSEMI-HM116 Datasheet
855Kb / 6P
Low voltage H-bridge driver chip
HM2510 HMSEMI-HM2510 Datasheet
763Kb / 9P
Low voltage dual channel H-bridge driver
HM8837A HMSEMI-HM8837A Datasheet
1Mb / 12P
Low-voltage H-bridge motor driver chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com