Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F28M35M22C1RFPS Datasheet (PDF) - Texas Instruments

F28M35M22C1RFPS Datasheet PDF - Texas Instruments
Part # F28M35M22C1RFPS
Download  F28M35M22C1RFPS Download
File Size   4851.67 Kbytes
Page   231 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description F28M35x Concerto™ Microcontrollers

F28M35M22C1RFPS Datasheet (PDF)

Go To PDF Page Download Datasheet
F28M35M22C1RFPS Datasheet PDF - Texas Instruments

Part # F28M35M22C1RFPS
Download  F28M35M22C1RFPS Click to download

File Size   4851.67 Kbytes
Page   231 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description F28M35x Concerto™ Microcontrollers

F28M35M22C1RFPS Datasheet (HTML) - Texas Instruments


F28M35M22C1RFPS Product details

1 Features
• Master Subsystem — Arm® Cortex®-M3
– Up to 100 MHz
– Embedded memory
• Up to 512KB of flash (ECC)
• Up to 32KB of RAM (ECC or parity)
• Up to 64KB of shared RAM
• 2KB of IPC Message RAM
– Five Universal Asynchronous Receiver/
Transmitters (UARTs)
– Four Synchronous Serial Interfaces (SSIs) and
a Serial Peripheral Interface (SPI)
– Two Inter-integrated Circuits (I2Cs)
– Universal Serial Bus On-the-Go (USB-OTG) +
PHY
– 10/100 ENET 1588 MII
– Two Controller Area Network, D_CAN, modules
(pin-bootable)
– 32-channel Micro Direct Memory Access
(μDMA)
– Dual security zones (128-bit password per
zone)
– External Peripheral Interface (EPI)
– Micro Cyclic Redundancy Check (μCRC)
module
– Four general-purpose timers
– Two watchdog timer modules
– Three external interrupts
– Endianness: little endian
• Clocking
– On-chip crystal oscillator and external clock
input
– Dynamic Phase-Locked Loop (PLL) ratio
changes supported
• 1.2-V digital, 1.8-V analog, 3.3-V I/O design
• Interprocessor Communications (IPC)
– 32 handshaking channels
– Four channels generate IPC interrupts
– Can be used to coordinate transfer of data
through IPC Message RAMs
• Up to 74 individually programmable, multiplexed
General-Purpose Input/Output (GPIO) pins
– Glitch-free I/Os
• Control Subsystem — TMS320C28x 32-bit CPU
– Up to 150 MHz
– C28x core hardware built-in self-test
– Embedded memory
• Up to 512KB of flash (ECC)
• Up to 36KB of RAM (ECC or parity)
• Up to 64KB of shared RAM
• 2KB of IPC Message RAM
– IEEE-754 single-precision Floating-Point Unit
(FPU)
– Viterbi, Complex Math, CRC Unit (VCU)
– Serial Communications Interface (SCI)
– SPI
– I2C
– 6-channel Direct Memory Access (DMA)
– Nine Enhanced Pulse Width Modulator (ePWM)
modules
• 18 outputs (16 high-resolution)
– Six 32-bit Enhanced Capture (eCAP) modules
– Three 32-bit Enhanced Quadrature Encoder
Pulse (eQEP) modules
– Multichannel Buffered Serial Port (McBSP)
– EPI
– One security zone (128-bit password)
– Three 32-bit timers
– Endianness: little endian
• Analog Subsystem
– Dual 12-bit Analog-to-Digital Converters
(ADCs)
– Up to 2.88 MSPS
– Up to 20 channels
– Four Sample-and-Hold (S/H) circuits
– Up to six comparators with 10-bit Digital-to-
Analog Converter (DAC)
• Package
– 144-Pin RFP PowerPAD™ Thermally Enhanced
Thin Quad Flatpack (HTQFP)
• Temperature options:
– T: –40°C to 105°C Junction
– S: –40°C to 125°C Junction
– Q: –40°C to 125°C Free-Air
(AEC Q100 qualification for automotive
applications)

2 Applications
• Automated sorting equipment
• CNC control
• Central inverter
• String inverter
• AC drive control module
• Servo drive control module
• AC-input BLDC motor drive
• DC-input BLDC motor drive
• Industrial AC-DC
• Three phase UPS




Similar Part No. - F28M35M22C1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35M22C1RFPS TI1-F28M35M22C1RFPS Datasheet
2Mb / 235P
Microcontrollers
F28M35M22C1RFPS TI-F28M35M22C1RFPS Datasheet
4Mb / 226P
F28M35x Concerto??Microcontrollers
More results


Similar Description - F28M35M22C1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
Concerto Microcontrollers
OCTOBER2011
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
C2000??Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
Concerto Microcontrollers
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
F28M36x Concerto??Microcontrollers
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
Concerto Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
F28M35x Concerto??Microcontrollers
AM2434 TI-AM2434_V03 Datasheet
6Mb / 282P
AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM263P4 TI-AM263P4 Datasheet
2Mb / 154P
AM263Px Sitara™ Microcontrollers
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com