Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDL6M06502B Datasheet (PDF) - ABLIC Inc.

HDL6M06502B Datasheet PDF - ABLIC Inc.
Part # HDL6M06502B
Download  HDL6M06502B Download
File Size   464.67 Kbytes
Page   19 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description 16-CHANNEL (4 BANKS OF 4-CHANNEL) HIGH-VOLTAGE ANALOG SWITCH

HDL6M06502B Datasheet (PDF)

Go To PDF Page Download Datasheet
HDL6M06502B Datasheet PDF - ABLIC Inc.

Part # HDL6M06502B
Download  HDL6M06502B Click to download

File Size   464.67 Kbytes
Page   19 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description 16-CHANNEL (4 BANKS OF 4-CHANNEL) HIGH-VOLTAGE ANALOG SWITCH

HDL6M06502B Datasheet (HTML) - ABLIC Inc.


HDL6M06502B Product details

Features
• 0V to ±100V analog signal voltage range (10kHz to 20MHz signal frequency range)
• 2A peak analog signal current per channel
• 8Ω main switch on-resistance
• 40kΩ bleed resistor on probe side
• Low on/off-capacitance
• -52dB off-isolation at 5MHz (load-independent)
• -60dB switch crosstalk
• 20Ω ground clamp switch on probe side alternately turned on/off with main switch
• DS_ASW to disable 20Ω ground clamp switch
• 1.8V to 5V CMOS logic interface
• Single +5V power supply (NO HIGH-VOLTAGE POWER SUPPLY required)
• Low power dissipation (static 1mW)
• Unique pin configuration for easy PCB traces (SPs on one side and STs on opposite side)
• 52-lead 8x8mm QFN package (RoHS compliant)




Similar Part No. - HDL6M06502B

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
HDL6M06522BN ABLIC-HDL6M06522BN Datasheet
520Kb / 19P
LOW CHARGE INJECTION 32-CHANNEL 8Ω HIGH-VOLTAGE ANALOG SWITCHES
Rev.3.1_00
HDL6M06531B ABLIC-HDL6M06531B Datasheet
472Kb / 19P
LOW CHARGE INJECTION 32-CHANNEL 8Ω HIGH-VOLTAGE ANALOG SWITCHES
Rev.3.1_00
More results


Similar Description - HDL6M06502B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20720 SUTEX-HV20720 Datasheet
312Kb / 5P
Dual 1 of 4 High Voltage Analog Switch
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
16 Channel High Voltage Analog Switch
HV2731 SUTEX-HV2731 Datasheet
663Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2631 SUTEX-HV2631 Datasheet
668Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14805 MAXIM-MAX14805 Datasheet
1Mb / 14P
16-Channel (Two Banks of 8-Channel), High-Voltage Analog Switches
Rev 0; 4/10
logo
Supertex, Inc
HV20822 SUTEX-HV20822_13 Datasheet
657Kb / 7P
16-Channel, High Voltage Analog Switch
HV2731 SUTEX-HV2731_09 Datasheet
520Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
16-Channel High Voltage Analog Switch
logo
Renesas Technology Corp
DG211 RENESAS-DG211 Datasheet
551Kb / 8P
SPST 4-Channel Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com