Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGA5B2C0G2A Datasheet (PDF) - TDK Electronics

CGA5B2C0G2A Datasheet PDF - TDK Electronics
Part # CGA5B2C0G2A
Download  CGA5B2C0G2A Download
File Size   859.98 Kbytes
Page   18 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description MULTILAYER CERAMIC CHIP CAPACITORS Automotive grade, mid voltage (100 to 630V)

CGA5B2C0G2A Datasheet (PDF)

Go To PDF Page Download Datasheet
CGA5B2C0G2A Datasheet PDF - TDK Electronics

Part # CGA5B2C0G2A
Download  CGA5B2C0G2A Click to download

File Size   859.98 Kbytes
Page   18 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description MULTILAYER CERAMIC CHIP CAPACITORS Automotive grade, mid voltage (100 to 630V)

CGA5B2C0G2A Datasheet (HTML) - TDK Electronics


CGA5B2C0G2A Product details

■FEATURES
◯Voltage rating: 100V, 250V, 450V, 630V
◯Operating temperature range: -55~+125°C
◯C0G temperature characteristic which has excellent stable temperature and DC-bias characteristcs is applicable.
◯Qualified based on AEC-Q200。

■APPLICATION
◯Wireless Charging units, DC-DC converter, inverter, a charger on board, etc.
◯High voltage circuit decoupling, smoothing, and snubber, resonant circuit, etc.




Similar Part No. - CGA5B2C0G2A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA5 TDK-CGA5 Datasheet
878Kb / 23P
MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA5 TDK-CGA5 Datasheet
639Kb / 19P
MULTILAYER CERAMIC CHIP CAPACITORS
20210823
logo
Panasonic Semiconductor
CGA533048 PANASONIC-CGA533048 Datasheet
201Kb / 1P
LIGHT WEIGHT PRISMATIC MODEL
logo
TDK Electronics
CGA5C2C0G1H103J TDK-CGA5C2C0G1H103J Datasheet
1Mb / 36P
Automotive Grade Capacitors
CGA5C2C0G1H103J060AA TDK-CGA5C2C0G1H103J060AA Datasheet
878Kb / 23P
MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
More results


Similar Description - CGA5B2C0G2A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA2B2C0G2A101J050BA TDK-CGA2B2C0G2A101J050BA Datasheet
130Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA2B2C0G2A221J050BA TDK-CGA2B2C0G2A221J050BA Datasheet
131Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2C0G2A010C080AA TDK-CGA3E2C0G2A010C080AA Datasheet
130Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A103M080AA TDK-CGA3E2X7R2A103M080AA_16 Datasheet
139Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A153M080AA TDK-CGA3E2X7R2A153M080AA Datasheet
138Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A332K080AA TDK-CGA3E2X7R2A332K080AA Datasheet
139Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E3C0G2E181J080AA TDK-CGA3E3C0G2E181J080AA Datasheet
131Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E3C0G2E331J080AA TDK-CGA3E3C0G2E331J080AA Datasheet
131Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W221J060AA TDK-CGA4C4C0G2W221J060AA Datasheet
131Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W391J060AA TDK-CGA4C4C0G2W391J060AA Datasheet
131Kb / 1P
Automotive Grade ( Mid Voltage (100 to 630V) )
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com