Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV8302DCAR Datasheet (PDF) - Texas Instruments

DRV8302DCAR Datasheet PDF - Texas Instruments
Part # DRV8302DCAR
Download  DRV8302DCAR Download
File Size   1101.21 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8302 Three Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator – Hardware Controlled

DRV8302DCAR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8302DCAR Datasheet PDF - Texas Instruments

Part # DRV8302DCAR
Download  DRV8302DCAR Click to download

File Size   1101.21 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8302 Three Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator – Hardware Controlled

DRV8302DCAR Datasheet (HTML) - Texas Instruments


DRV8302DCAR Product details

1 Features
1• 8-V to 60-V Operating Supply Voltage Range
• 1.7-A Source and 2.3-A Sink Gate Drive Current
Capability
• Bootstrap Gate Driver With 100% Duty Cycle
Support
• 6 or 3 PWM Input Modes
• Dual Integrated Current Shunt Amplifiers With
Adjustable Gain and Offset
• 3.3-V and 5-V Interface Support
• Hardware Control Interface
• Protection Features:
– Programmable Dead Time Control (DTC)
– Programmable Overcurrent Protection (OCP)
– PVDD and GVDD Undervoltage Lockout
(UVLO)
– GVDD Overvoltage Lockout (OVLO)
– Overtemperature Warning/Shutdown
(OTW/OTS)
– Reported through nFAULT and nOCTW pins

2 Applications
• 3-Phase BLDC and PMSM Motors
• CPAP and Pumps
• E-Bikes
• Power Tools
• Robotics and RC Toys
• Industrial Automation

3 Description
The DRV8302 is a gate driver IC for three phase
motor drive applications. It provides three half bridge
drivers, each capable of driving two N-channel
MOSFETs. The device supports up to 1.7-A source
and 2.3-A peak current capability. The DRV8302 can
operate off of a single power supply with a wide
range from 8-V to 60-V. It uses a bootstrap gate
driver architecture with trickle charge circuitry to
support 100% duty cycle. The DRV8302 uses
automatic hand shaking when the high side or low
side MOSFET is switching to prevent current shoot
through. Integrated VDS sensing of the high and low
side MOSFETs is used to protect the external power
stage against overcurrent conditions.
The DRV8303 includes two current shunt amplifiers
for accurate current measurement. The amplifiers
support bi-directional current sensing and provide and
adjustable output offset up to 3 V.
The DRV8302 also includes an integrated switching
mode buck converter with adjustable output and
switching frequency. The buck converter can provide
up to 1.5 A to support MCU or additional system
power needs.
A hardware interface allows for configuring various
device parameters including dead time, overcurrent,
PWM mode, and amplifier settings. Error conditions
are reported through the nFAULT and nOCTW pins.




Similar Part No. - DRV8302DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302DCAR TI1-DRV8302DCAR Datasheet
351Kb / 21P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8302DCAR TI1-DRV8302DCAR Datasheet
560Kb / 32P
Three Phase Gate Driver
DRV8302DCAR TI2-DRV8302DCAR Datasheet
1Mb / 34P
DRV8302 Three Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator – Hardware Controlled
REVISED MARCH 2016
DRV8302DCAR.A TI2-DRV8302DCAR.A Datasheet
1Mb / 34P
DRV8302 Three Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator – Hardware Controlled
REVISED MARCH 2016
DRV8302DCAR.B TI2-DRV8302DCAR.B Datasheet
1Mb / 34P
DRV8302 Three Phase Gate Driver With Dual Current Shunt Amplifiers and Buck Regulator – Hardware Controlled
REVISED MARCH 2016
More results


Similar Description - DRV8302DCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV8301 TI1-DRV8301_12 Datasheet
356Kb / 26P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com