Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP5907YKGR-2.85 Datasheet (PDF) - Texas Instruments

LP5907YKGR-2.85 Datasheet PDF - Texas Instruments
Part # LP5907YKGR-2.85
Download  LP5907YKGR-2.85 Download
File Size   2040.31 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5907 250mA, Low-Noise, Low-IQ LDO

LP5907YKGR-2.85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5907YKGR-2.85 Datasheet PDF - Texas Instruments

Part # LP5907YKGR-2.85
Download  LP5907YKGR-2.85 Click to download

File Size   2040.31 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5907 250mA, Low-Noise, Low-IQ LDO

LP5907YKGR-2.85 Datasheet (HTML) - Texas Instruments


LP5907YKGR-2.85 Product details

1 Features
• For a more updated portfolio device, see the
TPS7A20
• Input voltage range: 2.2V to 5.5V
• Output voltage range: 1.2V to 4.5V
• Stable with 1-μF ceramic input and output
capacitors
• No noise bypass capacitor required
• Remote output capacitor placement
• Thermal-overload and short-circuit protection
• Operating junction temperature: –40°C to 125°C
• Low output voltage noise: < 6.5μVRMS
• PSRR: 82dB at 1kHz
• Output voltage tolerance: ±2%
• Very low IQ (enabled): 12μA
• Low dropout: 120mV (typical)
• Create a custom design using the LP5907 with the
WEBENCH® Power Designer

2 Applications
• Smartphones
• Tablets
• Communications equipment
• Digital still cameras
• Factory automation

3 Description
The LP5907 is a low-noise LDO that can supply
up to 250mA output current. Designed to meet the
requirements of RF and analog circuits, the LP5907
provides low noise, high PSRR, low quiescent current,
and low line or load transient response figures. Using
innovative design techniques, the LP5907 offers
class-leading noise performance without a noise
bypass capacitor and the ability for remote output
capacitor placement.
The device is designed to work with a 1μF input and
a 1μF output ceramic capacitor (no separate noise
bypass capacitor is required).
This device is available with fixed output voltages
from 1.2V to 4.5V in 25mV steps. Contact Texas
Instruments Sales for specific voltage option needs.




Similar Part No. - LP5907YKGR-2.85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907YKGR-2.85 TI1-LP5907YKGR-2.85 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907YKGR-2.85 TI1-LP5907YKGR-2.85 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907YKGR-2.85 TI1-LP5907YKGR-2.85 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907YKGR-2.85 TI-LP5907YKGR-2.85 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results


Similar Description - LP5907YKGR-2.85

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Texas Instruments
LP5907 TI1-LP5907_V01 Datasheet
1Mb / 44P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907-Q1 TI1-LP5907-Q1_V01 Datasheet
1Mb / 32P
LP5907-Q1 Automotive 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V02 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI1-LP5907_V03 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
LP5907 TI-LP5907_V04 Datasheet
2Mb / 47P
LP5907 250-mA, Ultra-Low-Noise, Low-IQ LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com