Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2723152 Datasheet (PDF) - PHOENIX CONTACT

2723152 Datasheet PDF - PHOENIX CONTACT
Part # 2723152
Download  2723152 Download
File Size   201.34 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IBS INBC METER/E - Installation remote bus cable

2723152 Datasheet (PDF)

Go To PDF Page Download Datasheet
2723152 Datasheet PDF - PHOENIX CONTACT

Part # 2723152
Download  2723152 Click to download

File Size   201.34 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IBS INBC METER/E - Installation remote bus cable

2723152 Datasheet (HTML) - PHOENIX CONTACT


2723152 Product details

By the meter, Installation remote bus cable, INTERBUS, shielded, PVC/PVC, black RAL 9005, 9-
wire (3 x 2 x 0.22 mm2 + 3 x 1 mm2), color single wire: green-yellow, white-brown, gray-pink, red,
blue, green/yellow, for underground runs




Similar Part No. - 2723152

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2723123 PHOENIX-2723123 Datasheet
90Kb / 5P
Remote bus cable - IBS RBC METER/F-T
09/12/2020
2723136 PHOENIX-2723136 Datasheet
208Kb / 7P
IBS INBC METER - Installation remote bus cable
More results


Similar Description - 2723152

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSS721A TI1-TSS721A Datasheet
262Kb / 14P
METER-BUS TRANSCEIVER
logo
STMicroelectronics
AN1702 STMICROELECTRONICS-AN1702 Datasheet
159Kb / 11P
ST485EB for e-meter applications
28-Sep-2007
logo
SHANGHAI BELLING CO., L...
BL15721A BELLING-BL15721A Datasheet
392Kb / 11P
Meter-Bus Transceiver
logo
PHOENIX CONTACT
5088A PHOENIX-5088A Datasheet
120Kb / 4P
Remote Bus Switch
2731898 PHOENIX-2731898 Datasheet
55Kb / 3P
Bus connector - IBS RL PLUG-T
logo
Pentair plc. All rights...
1000 PENTAIR-1000 Datasheet
2Mb / 20P
Model 1000 Remote Reset Meter
logo
PHOENIX CONTACT
2723123 PHOENIX-2723123 Datasheet
90Kb / 5P
Remote bus cable - IBS RBC METER/F-T
09/12/2020
2731775 PHOENIX-2731775 Datasheet
57Kb / 3P
Cable - IBS PWR/5HD/F
09/12/2020
2862068 PHOENIX-2862068 Datasheet
561Kb / 12P
Bus coupler - IBS IL 24 BK-LK-2MBD-PAC
Jan 11, 2023
logo
Lapp.
DB2170207 LAPP-DB2170207 Datasheet
71Kb / 2P
UBITRONIC BUS IBS Yv
30.10.2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com