Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRV3233-Q1 Datasheet (PDF) - Texas Instruments

DRV3233-Q1 Datasheet PDF - Texas Instruments
Part # DRV3233-Q1
Download  DRV3233-Q1 Download
File Size   1608.16 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV3233-Q1 Automotive 24/12V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics

DRV3233-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV3233-Q1 Datasheet PDF - Texas Instruments

Part # DRV3233-Q1
Download  DRV3233-Q1 Click to download

File Size   1608.16 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV3233-Q1 Automotive 24/12V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics

DRV3233-Q1 Datasheet (HTML) - Texas Instruments


DRV3233-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications -
Temperature options:
– DRV3233EPHP: –40°C to +150°C, TA
– DRV3233QPHP: –40°C to +125°C,TA
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation to aid ISO 26262 system design
will be available
– Systematic capability up to ASIL D targeted
• Three phase half-bridge gate driver
– Drives six N-channel MOSFETs (NMOS)
– 4.5 to 60V wide operating voltage range
– Bootstrap architecture for high-side gate driver
– Charge pump for 50mA average gate current
– 100% PWM duty cycle support
– Overdrive supply of external switches
• Smart Gate Drive architecture
– 45-level configurable peak gate drive current up
to 1000 / 2000mA (source / sink)
– Three-step dynamic drive current control
– Soft shutdown for power stage protection
• Low-side Current Sense Amplifier
– Sub-1mV low input offset across temperature
– 9-level adjustable gain
• SPI-based detailed configuration and diagnostics
• DRVOFF pin to disable driver independently
• High voltage wake up pin (nSLEEP)
• Multiple PWM interface options available
– 6x, 3x, 1x PWM Modes
– PWM over SPI
• Supports 3.3V, and 5V Logic Inputs
• Optional programmable OTP for reset settings
• Advanced and configurable protection features
– Battery and power supply voltage monitors
– Phase feedback comparator
– MOSFET VDS and Rsense over current monitors
– Analog Built-In-Self-Test, Clock monitors
– Fault condition indicator pin

2 Applications
• 12V / 24V Automotive Motor-Control Applications
– Electrical Power Steering and Steer-by-Wire
– Electrical Mechanical Brake, Brake Boost
Assist and Brake-by-Wire
– Transmission and Shift-by-Wire
– Automotive Pumps

3 Description
The DRV3233-Q1 is an integrated smart gate driver
for 12V and 24V automotive three-phase BLDC
applications. The device provides three half-bridge
gate drivers, each capable of driving high-side and
low-side N-channel power MOSFETs. The DRV3233-
Q1 generates the correct gate drive voltages using
an integrated bootstrap diode and a GVDD charge
pump. The Smart Gate Drive architecture supports
configurable peak gate drive current from 0.8mA up
to 1A source and 2A sink. The DRV3233-Q1 can
operate from a single power supply with a wide input
range of 4.5 to 60V. A trickle charge pump enables
100% PWM duty cycle control, and provides overdrive
supply voltage for external switches.
The DRV3233-Q1 provides low-side current sense
amplifiers to support resistor based low-side current
sensing. The low offset of the amplifiers enables the
system to obtain precise motor current measurement.
A wide range of diagnostics and protection features
integrated in the DRV3233-Q1 enable a robust motor
drive system design and help eliminate the needs
of external components. The highly configurable
device response allows the device to be integrated
seamlessly into a variety of system designs.




Similar Part No. - DRV3233-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3233-Q1 TI-DRV3233-Q1 Datasheet
910Kb / 12P
DRV3233-Q1 Automotive 24/12-V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics
REVISED SEPTEMBER 2023
DRV3233-Q1 TI-DRV3233-Q1 Datasheet
1Mb / 16P
DRV3233-Q1 Automotive 24/12-V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics
DECEMBER 2024
DRV3233-Q1 TI1-DRV3233-Q1 Datasheet
735Kb / 12P
DRV3233-Q1 Automotive 24/12V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics
APRIL 2025
DRV3233-Q1 TI2-DRV3233-Q1 Datasheet
736Kb / 12P
DRV3233-Q1 Automotive 24/12V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics
REVISED APRIL 2025
DRV3233-Q1 TI2-DRV3233-Q1 Datasheet
290Kb / 5P
DRV3233-Q1 Automotive 24/12V Battery 3-Phase Gate Driver Unit With Accurate Current Sensing and Enhanced Diagnostics
REVISED JANUARY 2026
More results


Similar Description - DRV3233-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3220-Q1 TI1-DRV3220-Q1 Datasheet
1Mb / 31P
Three-Phase Automotive Gate Driver With Enhanced Protection, Diagnostics, and Monitoring
DRV3245Q-Q1 TI1-DRV3245Q-Q1 Datasheet
135Kb / 6P
3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_18 Datasheet
138Kb / 6P
3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245E-Q1 TI1-DRV3245E-Q1 Datasheet
770Kb / 10P
3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245E-Q1 TI1-DRV3245E-Q1_19 Datasheet
771Kb / 11P
3-Phase Grade 0 Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3245Q-Q1 TI1-DRV3245Q-Q1_V01 Datasheet
786Kb / 12P
DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
DRV3255-Q1 TI-DRV3255-Q1 Datasheet
1,011Kb / 9P
DRV325x-Q1 Integrated 3-Phase 48-V Automotive Gate Driver Unit (GDU) with Advanced Protection and Diagnostics
DRV3256-Q1 TI-DRV3256-Q1_V01 Datasheet
1Mb / 18P
DRV3256-Q1 Integrated 3-Phase 48-V Automotive Gate Driver Unit (GDU) with Advanced Protection and Diagnostics
REVISED DECEMBER 2022
DRV3245Q-Q1 TI-DRV3245Q-Q1_V02 Datasheet
1Mb / 17P
DRV3245Q-Q1 3-Phase Automotive Gate Driver Unit (GDU) With High Performance Sensing, Protection and Diagnostics
REVISED MAY 2023
DRV3233-Q1 TI-DRV3233-Q1 Datasheet
910Kb / 12P
DRV3233-Q1 Automotive 24/12-V Battery 3-Phase Gate Driver Unit with accurate current sensing and enhanced diagnostics
REVISED SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com