Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AK7PCF3-156.2500T Datasheet (PDF) - Abracon Corporation

AK7PCF3-156.2500T Datasheet PDF - Abracon Corporation
Part # AK7PCF3-156.2500T
Download  AK7PCF3-156.2500T Download
File Size   1396.68 Kbytes
Page   13 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description ClearClock™ Oscillator Family | Low Jitter | 7.0 x 5.0mm XO

AK7PCF3-156.2500T Datasheet (PDF)

Go To PDF Page Download Datasheet
AK7PCF3-156.2500T Datasheet PDF - Abracon Corporation

Part # AK7PCF3-156.2500T
Download  AK7PCF3-156.2500T Click to download

File Size   1396.68 Kbytes
Page   13 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description ClearClock™ Oscillator Family | Low Jitter | 7.0 x 5.0mm XO

AK7PCF3-156.2500T Datasheet (HTML) - Abracon Corporation


AK7PCF3-156.2500T Product details

Features
• 3rd overtone solution
• Ultra-Low jitter: 75 fs typ RMS (100fs MAX, F= 156.25MHz LVPECL); spurs included
• Frequency range: 100MHz to 220MHz
• Lowest in-class power consumption (16mA Typ LVDS)
• ± 20ppm & ± 25ppm stability (-40 to +85ºC) options available (dependent on frequency)
• 3.3V, 2.5V, 1.8V Vdd supply
• LVPECL, LVDS, & HCSL differential output options
• Output enable standard

Applications
• Networking & communications
• Gigabit Ethernet
• Fibre Channel
• SONET/SDH
• RF systems, base stations (BTS)
• Datacenter
• PCI Express
• Test & measurement




Similar Part No. - AK7PCF3-156.2500T

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AK70 ALTECH-AK70 Datasheet
384Kb / 1P
POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 70
logo
Assmann Electronics Inc...
AK707-R ASSMANN-AK707-R Datasheet
275Kb / 1P
IEEE 1284 SPECIAL PRINTER CABLE
AK711-18-R ASSMANN-AK711-18-R Datasheet
145Kb / 1P
IEEE 1284 Bi-Directional Printer Cable
AK713-5-R ASSMANN-AK713-5-R Datasheet
146Kb / 1P
IEEE 1284 Bi-Directional Printer Cable
logo
ACCUTEK MICROCIRCUIT CO...
AK72D900-QFN/MLP10X10 ACCUTEK-AK72D900-QFN/MLP10X10 Datasheet
1Mb / 9P
Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
More results


Similar Description - AK7PCF3-156.2500T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
Cypress Semiconductor
CY2X013 CYPRESS-CY2X013_11 Datasheet
313Kb / 10P
LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
logo
Pericom Semiconductor C...
JX701 PERICOM-JX701 Datasheet
726Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Pericom Semiconductor C...
FNA000073 PERICOM-FNA000073 Datasheet
252Kb / 3P
FN Series Crystal Clock Oscillator (XO) Legacy S1613 Series 7.0 x 5.0mm
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
NX703 DIODES-NX703 Datasheet
649Kb / 2P
Ultra Low Jitter PLL Crystal Oscillator 7.0 x 5.0mm
Rev B 08/13/14
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com