Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AVC8T245DGVR Datasheet (PDF) - Texas Instruments

SN74AVC8T245DGVR Datasheet PDF - Texas Instruments
Part # SN74AVC8T245DGVR
Download  SN74AVC8T245DGVR Download
File Size   2515.81 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC8T245 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs

SN74AVC8T245DGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC8T245DGVR Datasheet PDF - Texas Instruments

Part # SN74AVC8T245DGVR
Download  SN74AVC8T245DGVR Click to download

File Size   2515.81 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AVC8T245 8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs

SN74AVC8T245DGVR Datasheet (HTML) - Texas Instruments


SN74AVC8T245DGVR Product details

1 Features
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD protection exceeds JESD 22:
– 8000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
• Control inputs VIH/VIL levels are referenced to
VCCA voltage
• VCC isolation feature – if either VCC input is at
GND, all I/O ports are in the high-impedance state
• Ioff supports partial power-down mode operation
• Fully configurable dual-rail design allows each
port to operate over the full 1.4-V to 3.6-V powersupply
range
• I/Os are 4.6-V tolerant
• Maximum data rates:
– 170Mbps (VCCA < 1.8 V or VCCB < 1.8 V)
– 320Mbps (VCCA ≥ 1.8 V and VCCB ≥ 1.8 V)

2 Applications
• Personal electronic
• Industrial
• Enterprise
• Telecom

3 Description
This 8-bit noninverting bus transceiver uses two
separate configurable power-supply rails. The
SN74AVC8T245 is optimized to operate with VCCA/
VCCB set at 1.4 V to 3.6 V. The device is operational
with VCCA and VCCB as low as 1.2 V. The A port
is designed to track VCCA. VCCA accepts any supply
voltage from 1.2 V to 3.6 V. The B port is designed
to track VCCB. VCCB accepts any supply voltage from
1.2 V to 3.6 V. This allows for universal low-voltage
bidirectional translation between any of the 1.2-V, 1.5-
V, 1.8-V, 2.5-V, and 3.3-V voltage nodes.
The SN74AVC8T245 is designed for asynchronous
communication between data buses. The device
transmits data from the A bus to the B bus or from
the B bus to the A bus, depending on the logic level
at the direction-control (DIR) input. The output-enable
(OE) input can be used to disable the outputs so the
buses are effectively isolated.
The SN74AVC8T245 is designed so that the control
pins (DIR and OE) are supplied by VCCA.
The SN74AVC8T245 is compatible with a singlesupply
system and can be replaced later with a '245
function, with minimal printed circuit board redesign.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, thus preventing damaging current backflow
through the device when it is powered down.
The VCC isolation feature allows both ports to be in
the high-impedance state when either VCC input is at
GND.
To put the device into the high-impedance state during
power up or power down, tie OE to VCC through a
pullup resistor; the current-sinking capability of the
driver determines the minimum value of the resistor.




Similar Part No. - SN74AVC8T245DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
345Kb / 17P
8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
201Kb / 13P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
670Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
670Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI1-SN74AVC8T245DGVR Datasheet
1Mb / 31P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
More results


Similar Description - SN74AVC8T245DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com