Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCC28251 Datasheet (PDF) - Texas Instruments

UCC28251 Datasheet PDF - Texas Instruments
Part # UCC28251
Download  UCC28251 Download
File Size   1905.71 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28251 Advanced PWM Controller With Prebias Operation

UCC28251 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC28251 Datasheet PDF - Texas Instruments

Part # UCC28251
Download  UCC28251 Click to download

File Size   1905.71 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description UCC28251 Advanced PWM Controller With Prebias Operation

UCC28251 Datasheet (HTML) - Texas Instruments


UCC28251 Product details

1 Features
1• Prebiased Startup
• Synchronous Rectifier Control Outputs with
Programmable Delays (Including Zero Delay
Support)
• Voltage Mode Control with Input Voltage Feed-
Forward or Current Mode Control
• Primary or Secondary-Side Control
• 3.3-V, 1.5% Accurate Reference Output
• Lower Minimum Operating Frequency
• 1% Accurate Cycle-by-Cycle Over Current
Protection with Matched Duty Cycle Outputs
• Programmable Soft-Start and Hiccup Restart
Timer
• Thermally Enhanced 4-mm x 4-mm VQFN-20
Package and 20-pin TSSOP Package

2 Applications
• Half-Bridge, Full-Bridge, Interleaved Forward, and
Push-Pull Isolated Converters
• Telecom and Data-com Power
• Wireless Base Station Power
• Server Power
• Industrial Power Systems

3 Description
The UCC28251 PWM controller is designed for high
power density applications that may have stringent
prebiased startup requirements. The UCC28251’s
integrated synchronous rectifier control outputs target
high efficiency and high performance topologies such
as half-bridge, full-bridge, interleaved forward, and
push-pull. The UCC27210 half bridge drivers and
UCC2752x MOSFET drivers used in conjunction with
the UCC28251 provide a complete power converter
solution.
The UCC28251 is a functional variant of the
UCC28250 PWM Controller. While the same basic
functionality of the UCC28250 is largely maintained,
the UCC28251 is designed to enhance performance
in both offline, 400-V input DC-to-DC applications and
48-V input full-bridge or half-bridge applications.




Similar Part No. - UCC28251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
1Mb / 55P
Advanced PWM Controller With Prebias Operation
UCC28251PW TI1-UCC28251PW Datasheet
1Mb / 55P
Advanced PWM Controller With Prebias Operation
UCC28251PWR TI1-UCC28251PWR Datasheet
902Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UCC28251PWR TI1-UCC28251PWR Datasheet
1Mb / 55P
Advanced PWM Controller With Prebias Operation
More results


Similar Description - UCC28251

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
Advanced PWM Power Controller
logo
Texas Instruments
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
Advanced PWM Motor Controller
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
UCC28251 Advanced PWM Controller With Prebias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
Advanced PWM Controller With Prebias Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com