Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AVC16827 Datasheet (PDF) - Texas Instruments

SN74AVC16827 Datasheet PDF - Texas Instruments
Part # SN74AVC16827
Download  SN74AVC16827 Download
File Size   728.7 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74AVC16827 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AVC16827 Datasheet PDF - Texas Instruments

Part # SN74AVC16827
Download  SN74AVC16827 Click to download

File Size   728.7 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS

SN74AVC16827 Datasheet (HTML) - Texas Instruments


SN74AVC16827 Product details

FEATURES
· Member of the Texas Instruments Widebus™
Family
· EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
· DOC™ (Dynamic Output Control) Circuit
Dynamically Changes Output Impedance,
Resulting in Noise Reduction Without Speed
Degradation
· Less Than 2-ns Maximum Propagation Delay
at 2.5-V and 3.3-V VCC
· Dynamic Drive Capability Is Equivalent to
Standard Outputs With IOH and IOL of ±24 mA
at 2.5-V VCC
· Overvoltage-Tolerant Inputs/Outputs Allow
Mixed-Voltage-Mode Data Communications
· Ioff Supports Partial-Power-Down Mode
Operation
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· Package Options Include Plastic Thin Shrink
Small-Outline (DGG) and Thin Very
Small-Outline (DGV) Packages

DESCRIPTION
A Dynamic Output Control (DOC™) circuit is implemented, which, during the transition, initially lowers the output
impedance to effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows
typical VOL vs IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At
the beginning of the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a
high-drive standard-output device. For more information, refer to the TI application reports, AVC Logic Family
Technology and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry
Technology and Applications, literature number SCEA009.




Similar Part No. - SN74AVC16827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
316Kb / 15P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
338Kb / 15P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI2-SN74AVC16827 Datasheet
1,015Kb / 21P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED JUNE 2005
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - SN74AVC16827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
20-Bit Buffer/Driver with 3-STATE Outputs
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
20-Bit Buffer Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI1-SN74ALVCH162827_08 Datasheet
345Kb / 13P
20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com